Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD451DPLR Datasheet(PDF) 6 Page - Texas Instruments

Part # ESD451DPLR
Description  ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD451DPLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD451DPLR Datasheet HTML 2Page - Texas Instruments ESD451DPLR Datasheet HTML 3Page - Texas Instruments ESD451DPLR Datasheet HTML 4Page - Texas Instruments ESD451DPLR Datasheet HTML 5Page - Texas Instruments ESD451DPLR Datasheet HTML 6Page - Texas Instruments ESD451DPLR Datasheet HTML 7Page - Texas Instruments ESD451DPLR Datasheet HTML 8Page - Texas Instruments ESD451DPLR Datasheet HTML 9Page - Texas Instruments ESD451DPLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6.7 Typical Characteristics
Voltage (V)
2
4
6
8
10
12
14
16
-5
0
5
10
15
20
25
30
Figure 6-1. Positive TLP Curve
Voltage (V)
2
4
6
8
10
12
14
16
-5
0
5
10
15
20
25
30
Figure 6-2. Negative TLP Curve
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
100
-30
-15
0
15
30
45
60
75
90
105
120
135
150
165
180
Voltage at 30 ns = 10.3 V
Figure 6-3. +8-kV Clamped IEC Waveform
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
100
-180
-165
-150
-135
-120
-105
-90
-75
-60
-45
-30
-15
0
15
30
Voltage at 30 ns = -8.4 V
Figure 6-4. -8-kV Clamped IEC Waveform
Bias Voltage (V)
-6
-4
-2
0
2
4
6
460
465
470
475
480
485
490
495
500
505
510
515
Figure 6-5. Bias Voltage vs. Capacitance
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
0.425
0.45
0.475
0.5
0.525
0.55
0.575
0.6
0.625
0.65
0.675
0.7
Figure 6-6. Temperature vs. Capacitance
ESD451
SLVSH27A – APRIL 2023 – REVISED JUNE 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ESD451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com