Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA301 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA301
Description  INA301 36-V, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA301 Datasheet(HTML) 3 Page - Texas Instruments

  INA301 Datasheet HTML 1Page - Texas Instruments INA301 Datasheet HTML 2Page - Texas Instruments INA301 Datasheet HTML 3Page - Texas Instruments INA301 Datasheet HTML 4Page - Texas Instruments INA301 Datasheet HTML 5Page - Texas Instruments INA301 Datasheet HTML 6Page - Texas Instruments INA301 Datasheet HTML 7Page - Texas Instruments INA301 Datasheet HTML 8Page - Texas Instruments INA301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
8
7
6
OUT
VS
GND
LIMIT
IN+
IN-
RESET
ALERT
3
INA301
www.ti.com
SBOS713A – SEPTEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: INA301
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VS
Analog
Power supply, 2.7 V to 5.5 V
2
OUT
Analog output
Output voltage
3
LIMIT
Analog input
Alert threshold limit input; see the Setting The Current-Limit Threshold section for
details on setting the limit threshold
4
GND
Analog
Ground
5
RESET
Digital input
Transparent or latch mode selection input
6
ALERT
Digital output
Overlimit alert, active-low, open-drain output
7
IN–
Analog input
Connect to load side of the shunt resistor
8
IN+
Analog input
Connect to supply side of the shunt resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com