Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7310CD.B Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7310CD.B
Description  ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7310CD.B Datasheet(HTML) 4 Page - Texas Instruments

  ISO7310CD.B Datasheet HTML 1Page - Texas Instruments ISO7310CD.B Datasheet HTML 2Page - Texas Instruments ISO7310CD.B Datasheet HTML 3Page - Texas Instruments ISO7310CD.B Datasheet HTML 4Page - Texas Instruments ISO7310CD.B Datasheet HTML 5Page - Texas Instruments ISO7310CD.B Datasheet HTML 6Page - Texas Instruments ISO7310CD.B Datasheet HTML 7Page - Texas Instruments ISO7310CD.B Datasheet HTML 8Page - Texas Instruments ISO7310CD.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
V
CC1
IN
V
CC1
GND1
V
CC2
GND2
OUT
GND2
1
2
3
4
8
7
6
5
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5 Pin Configuration and Functions
D PACKAGE
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
VCC1
1, 3
–
Power supply, VCC1
IN
2
I
Input
GND1
4
–
Ground connection for VCC1
GND2
5, 7
–
Ground connection for VCC2
OUT
6
O
Output
VCC2
8
–
Power supply, VCC2
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com