Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7341CDWR Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7341CDWR
Description  ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7341CDWR Datasheet(HTML) 3 Page - Texas Instruments

  ISO7341CDWR Datasheet HTML 1Page - Texas Instruments ISO7341CDWR Datasheet HTML 2Page - Texas Instruments ISO7341CDWR Datasheet HTML 3Page - Texas Instruments ISO7341CDWR Datasheet HTML 4Page - Texas Instruments ISO7341CDWR Datasheet HTML 5Page - Texas Instruments ISO7341CDWR Datasheet HTML 6Page - Texas Instruments ISO7341CDWR Datasheet HTML 7Page - Texas Instruments ISO7341CDWR Datasheet HTML 8Page - Texas Instruments ISO7341CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Changes from Revision C (December 2014) to Revision D
Page
•
Changed the DIN V VDE 0884-10 number in the Features Safety and Regulatory Approvals: ............................................ 1
•
Added "(Approval Pending)" to the CSA Component Acceptance list item in the Features .................................................. 1
•
Deleted "All Agencies Approvals Planned" from the Features Safety and Regulatory Approvals: ........................................ 1
•
Changed the Simplified Schematic: VCC1 To VCCI, VCC2 to VCCO and GND1 to GNDI, GND2 to GNDO. Added Notes
1 and 2.................................................................................................................................................................................... 1
•
Added Note: "Maximum voltage must not exceed 6 V:" to Absolute Maximum Ratings........................................................ 7
•
Added "DT1" to the Minimum internal gap in Insulation and Safety-Related Specifications for DW-16 Package ................. 9
•
Changed VIORM "Maximum repetitive peak voltage" To: "Maximum repetitive peak isolation voltage per DIN V VDE V
0884-10" in Insulation Characteristics ................................................................................................................................... 9
•
Changed VIOTM From: "DIN V VDE 0884-10 " To: "DIN V VDE V 0884-10" in Insulation Characteristics ............................ 9
•
Changed VIOSM "Maximum surge voltage per DIN V VDE 0884-10 " To: "Maximum surge isolation voltage per DIN V
VDE V 0884-100" in Insulation Characteristics ..................................................................................................................... 9
•
Changed VIOSM Test Conditions in Insulation Characteristics ............................................................................................... 9
•
Changed VPR From: "DIN V VDE 0884-10 " To: "DIN V VDE V 0884-10" in Insulation Characteristics ............................... 9
•
Changed RS Test Conditions in Insulation and Safety-Related Specifications for DW-16 Package From: TS To: TS =
150°C ..................................................................................................................................................................................... 9
•
Changed the Safety-Related Certifications table ................................................................................................................ 10
•
Changed title From: " IEC Safety Limiting Values" To: Safety Limiting Values ................................................................... 10
•
Changed MIN value for VOH in the Electrical Characteristics From: VCCx - 0.5 To: VCCO - 0.5 ............................................ 11
•
Changed VCCx To VCCO in Note 1 of the Electrical Characteristics....................................................................................... 11
•
Changed MIN value for VOH in the Electrical Characteristics From: VCCx - 0.5 To: VCCO - 0.5 ............................................ 12
•
Changed VCCx To VCCO in Note 1 of the Electrical Characteristics....................................................................................... 12
•
Changed Function Table Header information From: INPUT-SIDE VCC To: VCCI and OUTPUT-SIDE VCC To: VCCO ......... 21
•
Changed Device I/O Schematics From: VCC To: VCCI on the inputs and VCCO on Output and Enabled............................... 21
•
Moved Typical ISO7340x Circuit Hook-up to Typical ISO7342x-Q1 Circuit Hook-up from the Design Requirements
section to the Detailed Design Procedure section................................................................................................................ 23
Changes from Revision B (November 2014) to Revision C
Page
•
Changed the Handling Ratings table to ESD Ratings ............................................................................................................ 7
•
Changed Minimum internal gap MIN value in Insulation and Safety-Related Specifications for DW-16 Package
From: 0.014 mm To: 13.5 µm................................................................................................................................................. 9
•
Changed Minimum internal gap MIN value in Insulation and Safety-Related Specifications for DW-16 Package
From: 13.5 µm To: 13 µm....................................................................................................................................................... 9
•
Delete text "per DIN V VDE 0884-10" from VIORM in the table in section Insulation Characteristics ..................................... 9
•
Changed From: VPEAK To VPK in the UNIT column of the table in section Insulation Characteristics .................................... 9
•
Added VIOSM to the table in section Insulation Characteristics .............................................................................................. 9
•
Changed the table in Safety-Related Certifications section - removed text "Certified according to", "Approved
under", "Recognized under", changed "pending" To: "planned" .......................................................................................... 10
•
Changed Maximum Repetitive Peak Voltage, 1414 VPK To: Maximum surge voltage , 6000 VPK in the VDE column
of the table in section Safety-Related Certifications............................................................................................................. 10
•
Changed the ICC2, Supply current, DC to 1 Mbps TYP value From: 3 To 3.2 mA .............................................................. 11
•
Changed the ICC2, Supply current, 10 Mbps TYP value From: 5.1 To 5.6 mA .................................................................... 11
•
Changed the ICC2, Supply current, 25 Mbps TYP value From: 8.6 To 9.3 mA .................................................................... 11
•
Changed the ICC1, Supply current, 10 Mbps TYP value From: 0.8 To 0.9 mA .................................................................... 12
•
Changed the ICC2, Supply current, 10 Mbps TYP value From: 0.3.6 To 3.9 mA ................................................................. 12
•
Changed the ICC2, Supply current, 25 Mbps TYP value From: 5.9 To 6.3 mA .................................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com