Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7177 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # VSC7177
Description  Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7177 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button VSC7177 Datasheet HTML 10Page - Maxim Integrated Products VSC7177 Datasheet HTML 11Page - Maxim Integrated Products VSC7177 Datasheet HTML 12Page - Maxim Integrated Products VSC7177 Datasheet HTML 13Page - Maxim Integrated Products VSC7177 Datasheet HTML 14Page - Maxim Integrated Products VSC7177 Datasheet HTML 15Page - Maxim Integrated Products VSC7177 Datasheet HTML 16Page - Maxim Integrated Products VSC7177 Datasheet HTML 17Page - Maxim Integrated Products VSC7177 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14 of 24
Revision 4.2
July 29, 2005
Confidential
VSC7177
Data Sheet
ELECTRICAL SPECIFICATIONS
DC Characteristics
Specifications are guaranteed over the recommended operating conditions listed in Table 15, page 18.
Table 9. LVTTL Inputs and Outputs
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Condition
VOH
Output HIGH voltage
2.0
2.2
VDD
VIOH = –4 mA
VOL
Output LOW voltage
0.0
0.2
0.4
V
IOL = 4 mA
VIH
Input HIGH voltage
2.0
VDD
V
VIL
Input LOW voltage
0.0
0.8
V
II
Input current (includes a weak pull-up
resistor)
–200
+50
µA0 V < VIL < 2.4 V
Table 10. High-Speed Inputs and Outputs
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Condition
VTH
Input threshold voltage for OOB detection
200
mV
See Table 7.
VOCM
High-speed output common-mode voltage
2.0
V
Normal Swing mode.
100
Ω termination
between true and
complement outputs.
1.7
V
High Swing mode.
100
Ω termination
between true and
complement outputs.
VICM
High-speed input common-mode voltage
1.5
V
ZIN
Differential input impedance
85
100
115
Ω
Table 11. Power Supply Requirements for Sideband Operating Mode
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Condition
VDD
Power supply voltage
3.0
3.3
3.6
V
±10% on all supplies
IDD
Power supply current (total on all supply
pins)
150
170
mA
Normal Swing mode
200
235
mA
High Swing mode
PD
Total power dissipation
540
625
mW
Normal Swing mode
720
850
mW
High Swing mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com