Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3103ADBTR Datasheet(PDF) 61 Page - Texas Instruments

Part # TAS3103ADBTR
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBTR Datasheet(HTML) 61 Page - Texas Instruments

Back Button TAS3103ADBTR Datasheet HTML 57Page - Texas Instruments TAS3103ADBTR Datasheet HTML 58Page - Texas Instruments TAS3103ADBTR Datasheet HTML 59Page - Texas Instruments TAS3103ADBTR Datasheet HTML 60Page - Texas Instruments TAS3103ADBTR Datasheet HTML 61Page - Texas Instruments TAS3103ADBTR Datasheet HTML 62Page - Texas Instruments TAS3103ADBTR Datasheet HTML 63Page - Texas Instruments TAS3103ADBTR Datasheet HTML 64Page - Texas Instruments TAS3103ADBTR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
2−27
The watchdog timer is governed by the parameter GPIOFSCOUNT in subaddress 0xEF and the LSB of the 32-bit
word at subaddress 0xEB. The default value of the LSB of the 32-bit word at subaddress 0xEB is 1, and this value
disables the watchdog timer. The GPIOFSCOUNT is also used in other functions and balancing the needs of these
other functions regarding GPIOFSCOUNT with the requirements of the watchdog timer is an involved process. For
this reason, it is strongly recommended that the LSB of the 32-bit word at subaddress 0xEB remain a 1. If an
application does require use of the watchdog timer, it is requested that the user contact an application engineer in
the Digital Audio Department of Texas Instruments for details in properly using this feature.
2.8
General-Purpose I/O (GPIO) Ports
The TAS3103A has four general-purpose I/O (GPIO) ports. Figure 2−23 is a block diagram of the GPIO circuitry in
the TAS3103A.
GPIO0
GPIO1
GPIO2
GPIO3
D
Q
D
Q
D
Q
D
Q
Sample
Logic
0xEF
Down
Counter
LD
LRCLK
Decode 0
DATA PATH SWITCH
GPIODIR
3
Determines How Many Consecutive Logic-0 Samples
(Where Each Sample Is Spaced by GPIOFSCOUNT
LRCLKs) are Required to Read a Logic 0 on a
GPIO Input Port
S Slave Addr
Subaddr
Ack
00000000
Ack
Ack
21 0
0000
Ack GPIOFSCOUNT Ack GPIO_samp_int Ack
31
24
23 20 19
16
15
8
7
0
Microprocessor
Microprocessor
Firmware
Microprocessor
Control
0xEE
GPIO_in_out
3
S Slave Addr
Subaddr
Ack
00000000
Ack
Ack
21 0
Ack
31
24
23
16
0
00000000
15
8
00000000 Ack
74
0000
Ack
3
I2C Slave Mode
and
I2C Master Mode
Write
I2C Master
Mode Read
Figure 2−23. GPIO Port Circuitry
2.8.1
GPIO Functionality—I2C Master Mode
In the I2C master mode, the GPIO ports are strictly input ports and are used to control volume. Table 2−6 lists the
functionality of each GPIO port in the I2C master mode. Bit field GPIOFSCOUNT (15:8) of I2C subaddress 0xEF
governs the rate at which the GPIO pins are sampled for a volume update. The sample rate is:
ƒ
GPIO_Port +
LRCLK
GPIOFSCOUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com