Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1085D2T33R Datasheet(PDF) 22 Page - STMicroelectronics

Part # LD1085D2T33R
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T33R Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LD1085D2T33R Datasheet HTML 18Page - STMicroelectronics LD1085D2T33R Datasheet HTML 19Page - STMicroelectronics LD1085D2T33R Datasheet HTML 20Page - STMicroelectronics LD1085D2T33R Datasheet HTML 21Page - STMicroelectronics LD1085D2T33R Datasheet HTML 22Page - STMicroelectronics LD1085D2T33R Datasheet HTML 23Page - STMicroelectronics LD1085D2T33R Datasheet HTML 24Page - STMicroelectronics LD1085D2T33R Datasheet HTML 25Page - STMicroelectronics LD1085D2T33R Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Package mechanical data
LD1085xx
22/27
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.028
0.037
B1
0.8
1.3
0.031
0.051
B2
1.14
1.7
0.045
0.067
C
0.45
0.60
0.018
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.350.352
0.368
D1
8
0.315
E
10
10.4
0.394
0.409
E1
8.5
0.335
G4.88
5.28
0.192
0.208
L
15
15.85
0.591
0.624
L2
1.27
1.4
0.050
0.055
M2.4
3.2
0.094
0.126
R
0.4
0.016
V2
0°
8°0°
8°
D2PAK/A mechanical data
7106164/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com