Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK4115D Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK4115D
Description  Energy-Efficient, Accurate Primary-Side
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK4115D Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK4115D Datasheet HTML 1Page - Power Integrations, Inc. LNK4115D Datasheet HTML 2Page - Power Integrations, Inc. LNK4115D Datasheet HTML 3Page - Power Integrations, Inc. LNK4115D Datasheet HTML 4Page - Power Integrations, Inc. LNK4115D Datasheet HTML 5Page - Power Integrations, Inc. LNK4115D Datasheet HTML 6Page - Power Integrations, Inc. LNK4115D Datasheet HTML 7Page - Power Integrations, Inc. LNK4115D Datasheet HTML 8Page - Power Integrations, Inc. LNK4115D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev. F 05/18
4
LinkSwitch-4
www.power.com
Functional Description
Power-Up/Power-Down Sequences
Refer to Figure 10 and Figure 7. When mains input voltage (V
IN) is
applied, current flows through the start-up resistors (R
HT) and BJT.
Some of this current flows into the LinkSwitch-4 internal circuits,
which are in Sleep mode; the remainder charges capacitor C
VCC.
As soon as the VOLTAGE SUPPLY pin voltage rises to V
VCC(RUN), the
LinkSwitch-4 changes to Initialise mode. Current consumption
increases to I
VCC(RUN) while internal circuits are enabled. The emitter
switch is held at low impedance to ground (GND) and a short drive
pulse is output on the BASE DRIVE pin, during which time the voltage
at feedback is held at GND potential by current sourced from the
FEEDBACK pin. This enables the LinkSwitch-4 control circuit to
compare the rectified mains input voltage with thresholds for allowing
or preventing the next stage of power-up. If the input voltage is too
low (I
FB < IFBHT(START)), the LinkSwitch-4 will not issue further drive
pulses, the VCC voltage will discharge to V
VCC(SLEEP), and the power-up
sequence will repeat. If the mains input voltage is high enough (I
FB >
I
FBHT(START)), the LinkSwitch-4 will enter Run mode and drive pulses will
be output on the BASE DRIVE pin. To achieve smooth power-up
(monotonic rise in V
OUT), CVCC must be large enough to power the
control circuitry during Initialize mode and the first few cycles of Run
mode, until sufficient power is provided by the transformer voltage
supply winding.
If the input voltage falls below V
MAINS(LO) (see Input Undervoltage
Protection), V
VCC will fall below VVCC(SLEEP) and the LinkSwitch-4 will go
VVCC(RUN)
VVCC(SLEEP)
Off
Sleep
Initialize
Sleep Off
Run
VVCC
PI-7457-010815
Figure 7.
VCC Waveforms.
Mode
Description
Sleep
From initial application of input power or from Run mode, if V
VCC falls below VVCC(SLEEP), the LinkSwitch-4 goes to Sleep mode.
Non-essential circuits are turned off. Base and Emitter drives are turned off so BASE DRIVE and EMITTER DRIVE pins
become high impedance, allowing the bootstrap resistor (R
HT) and BJT to start the circuit. Sleep mode is exited when VVCC
rises to V
VCC(RUN) and the control circuitry goes to Initialize mode.
Initialize
Internal circuits are enabled and the LinkSwitch-4 issues one switching cycle to sample the input voltage via the FEEDBACK
pin. If V
IN (hence VHT) is high enough, the LinkSwitch-4 changes to Run mode. If VIN is not high enough, no further base drive
pulses are issued and the LinkSwitch-4 returns to Sleep mode when V
VCC falls below VVCC(SLEEP).
Run
Power conversion: The control circuitry is powered from the VCC rail and the internal V
DD is regulated. If VVCC falls below
V
VCC(SLEEP), the IC ceases power conversion and goes to Sleep mode.
Table 2.
Summary of LinkSwitch-4 Operating Modes.
into Sleep mode, reducing its current consumption to I
VCC(SLEEP). The
control circuitry will re-initialize if the input voltage is restored and
V
VCC reaches VVCC(RUN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com