Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1085DT25R Datasheet(PDF) 23 Page - STMicroelectronics

Part # LD1085DT25R
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085DT25R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LD1085DT25R Datasheet HTML 19Page - STMicroelectronics LD1085DT25R Datasheet HTML 20Page - STMicroelectronics LD1085DT25R Datasheet HTML 21Page - STMicroelectronics LD1085DT25R Datasheet HTML 22Page - STMicroelectronics LD1085DT25R Datasheet HTML 23Page - STMicroelectronics LD1085DT25R Datasheet HTML 24Page - STMicroelectronics LD1085DT25R Datasheet HTML 25Page - STMicroelectronics LD1085DT25R Datasheet HTML 26Page - STMicroelectronics LD1085DT25R Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
LD1085xx
Package mechanical data
23/27
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T22.4
0.882
Ao
6.806.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P7.98.0
8.1
0.311
0.315
0.319
Tape & reel DPAK-PPAK mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com