Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP243Y Datasheet(PDF) 35 Page - Power Integrations, Inc.

Part # TOP243Y
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243Y Datasheet(HTML) 35 Page - Power Integrations, Inc.

Back Button TOP243Y Datasheet HTML 31Page - Power Integrations, Inc. TOP243Y Datasheet HTML 32Page - Power Integrations, Inc. TOP243Y Datasheet HTML 33Page - Power Integrations, Inc. TOP243Y Datasheet HTML 34Page - Power Integrations, Inc. TOP243Y Datasheet HTML 35Page - Power Integrations, Inc. TOP243Y Datasheet HTML 36Page - Power Integrations, Inc. TOP243Y Datasheet HTML 37Page - Power Integrations, Inc. TOP243Y Datasheet HTML 38Page - Power Integrations, Inc. TOP243Y Datasheet HTML 39Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
TOP242-250
35
M
12/04
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 53
(Unless Otherwise Specified)
Min
Typ
Max
Units
SHUTDOWN/AUTO-RESTART (cont.)
Auto-Restart Duty
Cycle
DC
(AR)
4
8
%
Auto-Restart
Frequency
f
(AR)
1.0
Hz
MULTI-FUNCTION (M), LINE-SENSE (L) AND EXTERNAL CURRENT LIMIT (X) INPUTS
Line Under-
Voltage Threshold
Current and Hys-
teresis (M or L Pin)
I
UV
T
J = 25 °C
Threshold
44
50
54
µ
A
Hysteresis
30
µ
A
Line Overvoltage
or Remote ON/OFF
Threshold Current
and Hysteresis
(M or L Pin)
I
OV
T
J = 25 °C
Threshold
210
225
240
µ
A
Hysteresis
8
µ
A
L Pin Voltage
Threshold
V
L(TH)
0.5
1.0
1.6
V
Remote ON/OFF
Negative
Threshold Current
and Hysteresis
(M or X Pin)
I
REM (N)
T
J = 25 °C
Threshold
-35
-27
-20
µ
A
Hysteresis
5
µ
A
L or M Pin Short
Circuit Current
I
L(SC) or
I
M(SC)
V
L, VM = VC
300
400
520
µ
A
X or M Pin Short
Circuit Current
I
X(SC) or
I
M(SC)
V
X, VM = 0 V
Normal Mode
-300
-240
-180
µ
A
Auto-Restart Mode
-110
-90
-70
L or M Pin Voltage
(Positive Current)
V
L, VM
I
L or IM = 50 µA
1.90
2.50
3.00
V
I
L or IM = 225 µA
2.30
2.90
3.30
X Pin Voltage
(Negative Current)
V
X
I
X = -50 µA
1.26
1.33
1.40
V
I
X = -150 µA
1.18
1.24
1.30
M Pin Voltage
(Negative Current)
V
M
I
M = -50 µA
1.24
1.31
1.39
V
I
M = -150 µA
1.13
1.19
1.25
Maximum Duty
Cycle Reduction
Onset Threshold
Current
I
L(DC) or
I
M(DC)
T
J = 25 °C
40
60
75
µ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com