Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA159 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # BA159
Description  CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BA159 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  BA159 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BA159 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BA157 THRU BA159
FIG.1-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
FIG.3-TYPICAL THERMAL IMPEDANCE
T
j=25℃
+VF-
IF
1.2
0.4
0
0.8
1.6
VF INSTANTANEOUS FORWARD VOLTAGE DROP (V)
500
1000
10
0.5
1
5
50
100
typ
ma
x
I,LEAD LENGTH (MM)
10
0
20
30
35
80
40
20
90
60
l
l
VR REVERSE VOLTAGE (V)
1
1000
100
10
1
10
4
2
8
6
typ
T
j=25℃
f=1MHz
C-Load
R-Load
10mm
10mm
LEAD TEMPERATURE( ℃)
125
0
25
150
100
75
50
175
0.25
1
1.25
0.8
0.75
0.50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com