Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM82731-025 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM82731-025
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82731-025 Datasheet(HTML) 3 Page - STMicroelectronics

  AM82731-025 Datasheet HTML 1Page - STMicroelectronics AM82731-025 Datasheet HTML 2Page - STMicroelectronics AM82731-025 Datasheet HTML 3Page - STMicroelectronics AM82731-025 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All dimensions are in inches.
Sustrate material: .025 thick Al2O3 (Er = 9.6)
C1
: 22 pF Chip Capacitor
C2
: 1500 pF RF Feedthrough
L1
: No. 26 Wire, 2 Turn, 0.08 Inch I.D.
L2
: No. 26 Wire, 2 Turn, 0.08 Inch I.D.
TEST CIRCUIT
TYPICAL INPUT
IMPEDANCES
TYPICAL COLLECTOR
LOAD IMPEDANCES
PIN
= 6.0 W
VCC
= 40 V
Normalized to 50 ohms
FREQ.
ZIN(
Ω)ZCL(Ω)
L
= 2.7 GHz
12.0 + j 3.0
15.0
− j 4.0
• = 2.8 GHz
9.5 + j 2.5
17.0
− j 3.0
M
= 2.9 GHz
6.5 + j 0.0
15.5
− j 3.0
• = 3.0 GHz
6.0
−j 1.5
14.5
− j 3.0
H
= 3.1 GHz
5.0
−j 3.0
11.0
− j 3.0
ZIN
ZCL
IMPEDANCE DATA
AM82731-025
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com