Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE034005 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PE034005
Description  Miniature PCB Relay PE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PE034005 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PE034005 Datasheet HTML 1Page - TE Connectivity Ltd PE034005 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-2017, Rev. 0117
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay PE (Continued)
Tracking index of relay base
PTI250V
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN60335, par.30
Ambient temperature
-40 to 85°C
Category of environmental protection,
IEC 61810
RTII - flux proof
RTIII - wash tight
Vibration resistance (functional), form A/form B
>15/5g
Shock resistance (destructive)
>100g
Shock resistance (functional/ 11ms), formA/form B >15/5g
Terminal type
PCB-THT
Weight
5g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/10s (flux proof version)
IEC 60068-2-20
260°C/5s (wash tight version)
Packaging/unit
tube/25 pcs., box/500 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0176-BA
S0176-BB
S0271-AA
1 form C (CO) version
1 form A (NO) version
S0176-BC
S0176-BD
Product code structure
Typical product code
PE
0
1
4
012
Type
PE Miniature PCB Relay PE
Version
0
Flux proof
5
Wash tight
Contact arrangement
1
1 form C (CO) contact
3
1 form A (NO) contact
Contact material
4
AgNi 90/10
3
AgSnO2
5
AgNi 90/10 gold plated
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil
Part number
PE013012
flux proof
1 form C
AgSnO2
12VDC
7-1415539-4
PE014005
1 CO contact
AgNi 90/10
5VDC
1393219-3
PE014006
6VDC
1393219-4
PE014012
12VDC
1393219-6
PE014024
24VDC
1-1393219-0
PE014048
48VDC
1-1393219-3
PE015012
AgNi 90/10
12VDC
1-1393219-4
PE015024
gold plated
24VDC
1-1393219-5
PE034005
1 form A
AgNi 90/10
5VDC
4-1415535-6
PE034006
1 NO contact
6VDC
4-1415535-7
PE034012
12VDC
4-1415535-9
PE034024
24VDC
5-1415535-1
PE034048
48VDC
5-1415535-2
PE514012
wash tight
1 form C
AgNi90/10
12VDC
2-1393219-0
PE514024
1CO contact
24VDC
2-1393219-2
PE515005
AgNi90/10
5VDC
7-1415542-8
gold plated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com