Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7840FDWW Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7840FDWW
Description  ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840FDWW Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7840FDWW Datasheet HTML 17Page - Texas Instruments ISO7840FDWW Datasheet HTML 18Page - Texas Instruments ISO7840FDWW Datasheet HTML 19Page - Texas Instruments ISO7840FDWW Datasheet HTML 20Page - Texas Instruments ISO7840FDWW Datasheet HTML 21Page - Texas Instruments ISO7840FDWW Datasheet HTML 22Page - Texas Instruments ISO7840FDWW Datasheet HTML 23Page - Texas Instruments ISO7840FDWW Datasheet HTML 24Page - Texas Instruments ISO7840FDWW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
14
13
INA
OUTD
3
4
5
6
0.1 F
EN1
EN2
7
10
INB
12
11
OUTC
IND
IN
C
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3±
AIN4+
A0
A1
AIN1+
AIN1±
AIN2+
SCLK
DOUT
REF+
REF±
AIN4±
1
VCC1
16
VCC2
2, 8
9, 15
GND1
GND2
23
20
19
28
8
7
27
0.1 F
P3.1
P3.0
CLK
SOMI
13
11
12
14
4
2
MSP430F2132
DVss
DVcc
0.1 F
14
13
OUTD
3
4
5
6
0.1 F
NC
EN
7
10
12
11
OUTC
IND
IN
C
1
VCC1
16
VCC2
2, 8
9, 15
GND1
GND2
0.1 F
ISO7840
ISO7841
5 VISO
5 VISO
3.3 V
3.3 V
P3.7
P3.6
18
17
3.3 V
22
AVDD
AGND
21
5 VISO
0.1 F
AIN2±
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
0.1 F
0.1 F
5 VISO
5 VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P3.4
15
P3.5
16
ADS1234
Isolation
Barrier
Copyright © 2016, Texas Instruments Incorporated
21
ISO7840, ISO7840F
www.ti.com
SLLSEN2B – JULY 2015 – REVISED APRIL 2016
Product Folder Links: ISO7840 ISO7840F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ISO7840 device is a high-performance, quad-channel digital isolator with a 5.7-kVRMS isolation voltage. The
device comes with enable pins on each side that can be used to put the respective outputs in high impedance for
multi-master driving applications and reduce power consumption. The ISO7840 device uses single-ended
CMOS-logic switching technology. The supply voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and
VCC2. When designing with digital isolators, keep in mind that because of the single-ended design structure,
digital isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, μC or
UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
Figure 18. Isolated Data Acquisition System for Process Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com