Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7631FMDWR Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7631FMDWR
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7631FMDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7631FMDWR Datasheet HTML 3Page - Texas Instruments ISO7631FMDWR Datasheet HTML 4Page - Texas Instruments ISO7631FMDWR Datasheet HTML 5Page - Texas Instruments ISO7631FMDWR Datasheet HTML 6Page - Texas Instruments ISO7631FMDWR Datasheet HTML 7Page - Texas Instruments ISO7631FMDWR Datasheet HTML 8Page - Texas Instruments ISO7631FMDWR Datasheet HTML 9Page - Texas Instruments ISO7631FMDWR Datasheet HTML 10Page - Texas Instruments ISO7631FMDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
ISO7631FM, ISO7631FC, ISO7641FC
www.ti.com
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
VCCI = Input-side supply voltage
7.7 Electrical Characteristics: VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10%
VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level output voltage
IOH = –4 mA; see
Figure 16
OUTx on VCC1 (3.3 V) side
VCC1–0.4
3
VCC1-0.6
2.9
V
OUTx on VCC2 (5 V) side
VCC2–0.8
4.8
VCC2–0.8
4.7
IOH = –20 μA; see
Figure 16
OUTx on VCC1 (3.3 V) side
VCC1–0.1
3.3
VCC1–0.1
3.3
OUTx on VCC2 (5 V) side
VCC2–0.1
5
VCC2–0.1
5
VOL
Low-level output voltage
IOL = 4 mA; see Figure 16
0.2
0.4
0.3
0.5
V
IOL = 20 μA; see Figure 16
0
0.1
0
0.1
VI(HYS)
Input threshold voltage
hysteresis
430
430
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
-10
μA
CMTI
Common-mode transient
immunity
VI = VCCI
(1) or 0 V; see Figure 19
25
50
25
50
kV/
μs
(1)
VCCI = Input-side supply voltage; VCCO = Output-side supply voltage
7.8 Electrical Characteristics: VCC1 and VCC2 at 3.3 V ± 10%
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
M-Grade
C-Grade
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level output
voltage
IOH = –4 mA; see Figure 16
VCCO
(1) – 0.4
3
VCCO – 0.6
2.9
V
IOH = –20 μA; see Figure 16
VCCO – 0.1
3.3
VCCO – 0.1
3.3
VOL
Low-level output voltage
IOL = 4 mA; see Figure 16
0.2
0.4
0.3
0.5
V
IOL = 20 μA; see Figure 16
0
0.1
0
0.1
VI(HYS)
Input threshold voltage
hysteresis
425
425
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
-10
μA
CMTI
Common-mode transient
immunity
VI = VCCI
(1) or 0 V; see Figure 19
25
50
25
50
kV/
μs
(1)
Only M-Grade devices are recommended for operation down to 2.7 V supplies. For 2.7 V-operation, max data rate is 100 Mbps.
(2)
VCCI = Input-side supply voltage; VCCO = Output-side supply voltage
7.9 Electrical Characteristics: VCC1 and VCC2 at 2.7 V (ISO7631FM Only)
VCC1 and VCC2 at 2.7 V
(1) (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 16
VCCO
(2) – 0.5
2.4
V
IOH = –20 μA; see Figure 16
VCCO – 0.1
2.7
VOL
Low-level output voltage
IOL = 4 mA; see Figure 16
0.2
0.4
V
IOL = 20 μA; see Figure 16
0
0.1
VI(HYS)
Input threshold voltage hysteresis
350
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
μA
CMTI
Common-mode transient immunity
VI = VCCI
(2) or 0 V; see Figure 19
25
50
kV/
μs
7.10 Power Dissipation Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum Device Power Dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
CL = 15 pF
Input a 75 MHz 50% duty cycle
square wave
399
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com