Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2694MT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2694MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 9Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 10Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 11Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 12Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 13Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.62A
Load Current
Increases
IPK
IOCL
IO
'I
Normal Operation
Current Limited
STOP
RUN
RON/SD
Input
Voltage
LM2694
VIN
RON
LM2694
SNVS444A – MAY 2006 – REVISED APRIL 2013
www.ti.com
Figure 11. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current through the free-wheeling
diode (D1). Referring to Typical Application Circuit and Block Diagram, when the buck switch is turned off the
inductor current flows through the load, into SGND, through the sense resistor, out of ISEN and through D1. If
that current exceeds 0.62A the current limit comparator output switches to delay the start of the next on-time
period if the voltage at FB is below 2.5V. The next on-time starts when the current out of ISEN is below 0.62A
and the voltage at FB is below 2.5V. If the overload condition persists causing the inductor current to exceed
0.62A during each on-time, that is detected at the beginning of each off-time. The operating frequency is lower
due to longer-than-normal off-times.
Figure 12 illustrates the inductor current waveform. During normal operation the load current is Io, the average of
the ripple waveform. When the load resistance decreases the current ratchets up until the lower peak reaches
0.62A. During the Current Limited portion of Figure 12, the current ramps down to 0.62A during each off-time,
initiating the next on-time (assuming the voltage at FB is <2.5V). During each on-time the current ramps up an
amount equal to:
ΔI = (VIN - VOUT) x tON / L1
(8)
During this time the LM2694 is in a constant current mode, with an average load current (IOCL) equal to 0.62A +
ΔI/2.
Figure 12. Inductor Current - Current Limit Operation
N - Channel Buck Switch and Driver
The LM2694 integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current allowed through the buck switch is 1.5A, and the maximum allowed average current is 1A. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.022
µF capacitor (C4) connected between BST and SW provides the voltage to the driver during the on-time. During
each off-time, the SW pin is at approximately -1V, and C4 charges from VCC through the internal diode. The
minimum off-time of 265 ns ensures a minimum time each cycle to recharge the bootstrap capacitor.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com