Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2831XMFX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2831XMFX/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMFX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2831XMFX/NOPB Datasheet HTML 1Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2831XMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
VIN
SW
2
1
3
5
4
EN
FB
GND
1
2
3
4
6
5
EN
FB
SW
DAP
VINA
VIND
GND
LM2831
www.ti.com
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
NGG Package
6-Pins WSON
Top View
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
WSON
Enable control input. Logic high enables operation. Do not allow this pin to
EN
4
6
I
float or be greater than VIN + 0.3 V, or VINA + 0.3 V for WSON.
FB
3
1
I
Feedback pin. Connect to external resistor divider to set output voltage.
Signal and power ground pin. Place the bottom resistor of the feedback
GND
2
2
PWR
network as close as possible to this pin.
SW
1
3
O
Output switch. Connect to the inductor and catch diode.
VIN
5
—
PWR
Input supply voltage
VINA
—
5
PWR
Control circuitry supply voltage. Connect VINA to VIND on PC board.
VIND
—
4
PWR
Power input supply
Die Attach
Connect to system ground for low thermal impedance, but it cannot be
—
DAP
PWR
Pad
used as a primary GND connection.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com