Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3444MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3444MA/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3444MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 9Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 10Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 11Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 12Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 13Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
VVF-CAP =
2
VAC-RMS
3
+
+
D3
C7
C9
C10
D4
D8
D9
VBUCK
V+
+
-
+
-
VBUCK
VBUCK
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 11. Two Stage Valley-Fill Circuit when AC Line is Low
A three stage valley-fill circuit performs exactly the same as two-stage valley-fill circuit, except now three
capacitors are charged in series when the line voltage decreases, as shown in Equation 2:
(2)
Diode D3 is reverse-biased and three capacitors are in parallel to each other.
The valley-fill circuit can be optimized for power factor, voltage hold-up, and overall application size and cost.
The LM3444 operates with a single-stage or a three-stage valley-fill circuit as well. Resistor R8 functions as a
current limiting resistor during start-up, and during the transition from series to parallel connection. Resistors R6
and R7 are 1-M
Ω bleeder resistors, and may or may not be necessary for each application.
7.3.4 Buck Converter
The LM3444 is a buck controller that uses a proprietary constant off-time method to maintain constant current
through a string of LEDs. While transistor Q2 is on, current ramps up through the inductor and LED string. A
resistor R3 senses this current and this voltage is compared to the reference voltage at FILTER. When this
sensed voltage is equal to the reference voltage, transistor Q2 is turned off and diode D10 conducts the current
through the inductor and LEDs. Capacitor C12 eliminates most of the ripple current seen in the inductor. Resistor
R4, capacitor C11, and transistor Q3 provide a linear current ramp that sets the constant off-time for a given
output voltage.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com