Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3475MF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3475MF/NOPB
Description  LM3475 Hysteretic PFET Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3475MF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3475MF/NOPB Datasheet HTML 1Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 2Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 3Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 4Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 5Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 6Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 7Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 8Page - Texas Instruments LM3475MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VOUT = 2.5V/2A
CIN
COUT
RFB1
RFB2
L1
D1
Q1
10 PF
100 PF
10 PH
1k
2.15k
Si2343
LM3475
VIN
EN
GND
PGATE
FB
1
2
3
4
5
CFF
1 nF
VIN = 5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3475
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
LM3475 Hysteretic PFET Buck Controller
1 Features
3 Description
The LM3475 is a hysteretic P-FET buck controller
1
•
Easy-to-Use Control Methodology
designed to support a wide range of high efficiency
•
0.8 V to VIN Adjustable Output Range
applications in a very small SOT-23-5 package. The
•
High Efficiency (90% Typical)
hysteretic control scheme has several advantages,
including simple system design with no external
•
±0.9% (±1.5% Over Temperature) Feedback
compensation, stable operation with a wide range of
Voltage
components, and extremely fast transient response.
•
100% Duty Cycle Capable
Hysteretic
control
also
provides
high
efficiency
•
Maximum Operating Frequency up to 2 MHz
operation, even at light loads. The PFET architecture
allows for low component count as well as 100% duty
•
Internal Soft-Start
cycle and ultra-low dropout operation.
•
Enable Pin
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
TFT Monitor
LM3475
SOT-23 (5)
1.60 mm × 2.90 mm
•
Auto PC
(1) For all available packages, see the orderable addendum at
•
Vehicle Security
the end of the data sheet.
•
Navigation Systems
•
Notebook Standby Supply
•
Battery Powered Portable Applications
•
Distributed Power Systems
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3475MF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3475MF/NOPB TI1-LM3475MF/NOPB Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results

Similar Description - LM3475MF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
LM3475 Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com