Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM61 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM61 Datasheet HTML 9Page - Texas Instruments LM61 Datasheet HTML 10Page - Texas Instruments LM61 Datasheet HTML 11Page - Texas Instruments LM61 Datasheet HTML 12Page - Texas Instruments LM61 Datasheet HTML 13Page - Texas Instruments LM61 Datasheet HTML 14Page - Texas Instruments LM61 Datasheet HTML 15Page - Texas Instruments LM61 Datasheet HTML 16Page - Texas Instruments LM61 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
LM61
www.ti.com
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Part soldered to 30 gauge wire.
(2)
Heat sink used is 1/2 in.2 printed -circuit board with 2-oz foil with part attached as shown in Figure 18.
(3)
Part glued and leads soldered to 1 in.2 of 1/16 in. printed circuit board with 2-oz foil or similar.
Table 2. Temperature Rise of LM61 Due to Self-Heating and Thermal Resistance
(RθJA)
RθJA (°C/W)
TJ – TA (°C)
SOT-23
No heat sink(1)
Still air
450
0.26
Moving air
Small heat fin(2)
Still air
260
0.13
Moving air
180
0.09
TO-92
No heat sink(1)
Still air
180
0.09
Moving air
90
0.05
Small heat fin(3)
Still air
140
0.07
Moving air
70
0.03
Table 3. Temperature and Typical VO Values
TEMPERATURE
VO(TYPICAL)
100°C
1600 mV
85°C
1450 mV
25°C
850 mV
0°C
600 mV
–25°C
350 mV
–30°C
300 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com