Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP221YN Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP221YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221YN Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP221YN Datasheet HTML 9Page - Power Integrations, Inc. TOP221YN Datasheet HTML 10Page - Power Integrations, Inc. TOP221YN Datasheet HTML 11Page - Power Integrations, Inc. TOP221YN Datasheet HTML 12Page - Power Integrations, Inc. TOP221YN Datasheet HTML 13Page - Power Integrations, Inc. TOP221YN Datasheet HTML 14Page - Power Integrations, Inc. TOP221YN Datasheet HTML 15Page - Power Integrations, Inc. TOP221YN Datasheet HTML 16Page - Power Integrations, Inc. TOP221YN Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Rev. G 08/16
13
TOP221-227
www.power.com
V
C(SHUNT)
I
CD1
I
CD2
36
5.5
5.7
6.0
±50
0.6
1.2
1.6
0.7
1.4
1.8
0.5
0.8
1.1
DRAIN Supply Voltage
Shunt Regulator
Voltage
Shunt Regulator
Temperature Drift
CONTROL Supply/
Discharge Current
V
V
ppm/
°C
mA
OUTPUT (cont.)
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
B. The breakdown voltage and leakage current measurements can be accomplished as shown in Figure 15 by
using the following sequence:
i. The curve tracer should initially be set at 0 V. The base output should be adjusted through a voltage
sequence of 0 V, 6.5 V, 4.3 V, and 6.5 V, as shown. The base current from the curve tracer should not
exceed 100 mA. This CONTROL pin sequence interrupts the Auto-restart sequence and locks the
TOPSwitch internal MOSFET in th OFF-state.
ii. The breakdown and the leakage measurements can now be taken with the curve tracer. The maximum
voltage from the curve tracer must be limited to 700 V under all conditions.
C. It is possible to start up and operate TOPSwitch at DRAIN voltages well below 36 V. However, the CONTROL
pin charging current is reduced, which affects start-up time, auto-restart frequency, and auto-restart duty cycle.
Refer to the characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage for low voltage opera-
tion characteristics.
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
See Note C
I
C = 4 mA
Output
TOP221-224
MOSFET Enabled
TOP225-227
Output MOSFET Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com