Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP225YN Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP225YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP225YN Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP225YN Datasheet HTML 8Page - Power Integrations, Inc. TOP225YN Datasheet HTML 9Page - Power Integrations, Inc. TOP225YN Datasheet HTML 10Page - Power Integrations, Inc. TOP225YN Datasheet HTML 11Page - Power Integrations, Inc. TOP225YN Datasheet HTML 12Page - Power Integrations, Inc. TOP225YN Datasheet HTML 13Page - Power Integrations, Inc. TOP225YN Datasheet HTML 14Page - Power Integrations, Inc. TOP225YN Datasheet HTML 15Page - Power Integrations, Inc. TOP225YN Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev. G 08/16
12
TOP221-227
www.power.com
t
ILD
V
C(RESET)
R
DS(ON)
I
DSS
BV
DSS
t
R
t
F
Current Limit
Delay
Thermal Shutdown
Temperature
Power-up Reset
Threshold Voltage
ON-State
Resistance
OFF-State
Current
Breakdown
Voltage
Rise
Time
Fall
Time
ns
°C
V
Ω
µA
V
ns
ns
CIRCUIT PROTECTION (cont.)
OUTPUT
I
C = 4 mA
I
C = 4 mA
S2 open
TOP221
T
J = 25 °C
I
D = 25 mA
T
J = 100 °C
TOP222
T
J = 25 °C
I
D = 50 mA
T
J = 100 °C
TOP223
T
J = 25 °C
I
D = 100 mA
T
J = 100 °C
TOP224
T
J = 25 °C
I
D = 150 mA
T
J = 100 °C
TOP225
T
J = 25 °C
I
D = 200 mA
T
J = 100 °C
TOP226
T
J = 25 °C
I
D = 250 mA
T
J = 100 °C
TOP227
T
J = 25 °C
I
D = 300 mA
T
J = 100 °C
See Note B
V
DS = 560 V, TA = 125 °C
See Note B
I
D = 100 µA, TA = 25 °C
Measured in a Typical Flyback
Converter Application.
100
125
135
2.0
3.3
4.3
31.2
36.0
51.4
60.0
15.6
18.0
25.7
30.0
7.8
9.0
12.9
15.0
5.2
6.0
8.6
10.0
3.9
4.5
6.4
7.5
3.1
3.6
5.2
6.0
2.6
3.0
4.3
5.0
250
700
100
50
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com