Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PROFICAP Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # PROFICAP
Description  Head Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PROFICAP Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  PROFICAP Datasheet HTML 1Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Head Protection EN397
YOUR OWN LOGO
Our comprehensive range
of head protection offers a
product for all applications
where head injuries may occur.
All the helmets except for the
bump cap are made of HDPE
high density polyethylene.
art. no.
93320*
art. no.
93315*
BUMP CAP TYPE BC89
The name says it all, this cap
offers protection against bumps.
Also widely used in the food
industry. Available in the colours
white, red and blue.
BUMP CAP ‘PROFICAP’
Professional baseball cap with
street credibility. Head protection
according to EN 812.
Embroidery of your logo as an
option! Available in the colour
blue.
A-59
Simple helmet fitted with a
plastic head harness with sweat
band. Fitted with adjustable head
strap. Available in white, yellow,
red, green, blue, sky blue, orange
and grey.
art. no.
93316*
art. no.
93317*
A-79
Safety helmet fitted with a
4-point textile head harness with
replaceable sweat band and
adjustable head strap Available as
standard in white, yellow, red,
green, grey, blue, sky blue and
orange.
A-69
This helmet is fitted with a
6-point textile head harness with
replaceable sweat band and
adjustable head strap. Available
as standard in white, yellow, red,
green, sky blue, blue, grey and
orange.
A79R
For any user who puts comfort
high on the list. Safety helmet
fitted with a 4-point textile head
harness, sweat band and head
strap that can be adjusted using a
ratchet system. Available as
standard in white, yellow, red,
green, grey, blue, sky blue orange,
and orange.
art. no.
description
A168199
blue
art. no.
93312 *
art. no.
93313 *
A29
A versatile and dependable
design, with grooved HDPE outer
shell. Rain trough, accessory slots
and a 4 point nylon harness.With
pin lock or ratchet size adjust-
ment. Available in white, yellow,
blue,sky blue,black,green and
orange.
A69R
The safety helmet with the
highest wearing comfort. Fitted
with a 6-point textile head
harness and head strap that can
be adjusted using a ratchet
system. Available as standard in
white, yellow, red, green, grey,
blue, sky blue and orange.
A29R
Available in white, yellow, blue,
sky blue, black, green and orange.
Headband with ratchet system.
A-29SPR
The safety helmet with a short
peak. Ideal for work where you
have to regularly look upwards.
A clear view of your work
is guaranteed. A 4-point textile
head harness, head strap that can
be adjusted using a ratchet
system. Available in white,
yellow, blue, sky blue, black,
green, grey and orange.
art. no.
9333*
art. no.
93319*
art. no.
93318*
All our safety helmets can be
customized with your own
text and/or logo. Printing is
possible on the front and
sides of the helmet. Ask for
our very favourable pricing
scale!
16


Similar Part No. - PROFICAP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PROF2BTS70041EPPDBTOBO1 INFINEON-PROF2BTS70041EPPDBTOBO1 Datasheet
3Mb / 26P
Customer evaluation kit description
2021-05-19 Rev. 1.00
PROF2BTS70081EPPDBTOBO1 INFINEON-PROF2BTS70081EPPDBTOBO1 Datasheet
3Mb / 26P
Customer evaluation kit description
2021-05-19 Rev. 1.00
PROFET BTS712N1 INFINEON-PROFET BTS712N1 Datasheet
1Mb / 17P
Smart High-Side Power Switch
Rev 1.3, 2010-03-16
logo
rfsolutions.ltd
PROFLY16 RFSOLUTIONS-PROFLY16 Datasheet
2Mb / 7P
Professional Radio Control
PROFLY8 RFSOLUTIONS-PROFLY8 Datasheet
2Mb / 7P
Professional Radio Control
More results

Similar Description - PROFICAP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8043 3M-8043 Datasheet
167Kb / 5P
Safety Products for Eye, Head and Face Protection
01-Mar-2004
logo
List of Unclassifed Man...
151-4409 ETC1-151-4409 Datasheet
29Kb / 1P
Pan Head, Cross Head Metric Screws
logo
PHOENIX CONTACT
SF-Z0003 PHOENIX-SF-Z0003 Datasheet
44Kb / 2P
Crimp head
SF-Z0039 PHOENIX-SF-Z0039 Datasheet
44Kb / 2P
Crimp head
SF-Z0047 PHOENIX-SF-Z0047 Datasheet
47Kb / 1P
Crimp head
logo
Festo Corporation.
8066469 FESTO-8066469 Datasheet
86Kb / 1P
Camera head
logo
Pepperl+Fuchs Inc.
WCS3R-LS24AH PF-WCS3R-LS24AH Datasheet
188Kb / 3P
Reading head
WCS3R-LS310-Y211384 PF-WCS3R-LS310-Y211384 Datasheet
256Kb / 2P
Read head
WCS2B-LS211 PF-WCS2B-LS211 Datasheet
263Kb / 2P
Read head
WCS2B-LS221 PF-WCS2B-LS221 Datasheet
263Kb / 2P
Read head
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com