Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRFC Datasheet(PDF) 3 Page - KITAGAWA GmbH

Part # GRFC
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

GRFC Datasheet(HTML) 3 Page - KITAGAWA GmbH

  GRFC Datasheet HTML 1Page - KITAGAWA GmbH GRFC Datasheet HTML 2Page - KITAGAWA GmbH GRFC Datasheet HTML 3Page - KITAGAWA GmbH GRFC Datasheet HTML 4Page - KITAGAWA GmbH GRFC Datasheet HTML 5Page - KITAGAWA GmbH GRFC Datasheet HTML 6Page - KITAGAWA GmbH GRFC Datasheet HTML 7Page - KITAGAWA GmbH GRFC Datasheet HTML 8Page - KITAGAWA GmbH GRFC Datasheet HTML 9Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Unit: mm
TRMH – Low frequency, high µ ferrite cores
Part No.
A
B
C
Impedance
Ω/1MHz (1 Turn)
TRMH-16-8-16E
16.9
7.2
16.8
≥18
TRMH-20-10-10E
21.0
9.2
10.9
≥11
TRMH-25-15-12E
25.9
14.1
12.8
≥9
TRMH-31-20-15E
32.1
19.0
15.9
≥9
TRMH-38-19-13E
39.1
18.0
13.9
≥11
TRMH-47-27-15E
48.3
26.0
15.9
≥10
TRMH-65-38-30E
67.3
36.6
31.1
≥12
TRMH-74-46-20E
75.76
44.22
21.0
≥6
TRMH-103-66-25E
105.6
63.1
26.9
≥6
TRMH-160-90-26E
165.1
87.9
28.1
≥6
− High impedance at less than 1MHz
− Increased impedance obtained with each turn around
the core
− Suitable for conducted emissions in the kHz range
− Operating temperature: -40 ~ 85°C
− High impedance noise filters for the low MHz range
− Turning the cable around the core increases
effectiveness by a power of 2 (N2)
− Operating temperature: -40 ~ 85°C
TRM – cores for low frequency range
Low Frequency Cores
Part No.
A
B
C
Impedance
Ω/10MHz (2 turns)
TRM-16-8-16E-WE
17.0
7.1
16.9
≥70
TRM-20-10-10E-WE
21.0
9.1
10.9
≥35
TRM-25-15-12E-WE
26.0
14.1
12.9
≥35
TRM-31-20-15E-WE
32.1
19.0
15.9
≥30
TRM-38-19-13E-WE
39.2
17.9
14.0
≥35
TRM-47-27-15E-WE
48.5
25.7
16.3
≥25
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com