Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4675TL/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM4675TL/NOPB
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4675TL/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4675TL/NOPB Datasheet HTML 11Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 12Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 13Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 14Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 15Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 16Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 17Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 18Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM4675, LM4675SDBD, LM4675TLBD
www.ti.com
SNAS353C – AUGUST 2006 – REVISED MAY 2013
REFERENCE DESIGN BOARD SCHEMATIC
In addition to the minimal parts required for the application circuit, a measurement filter is provided on the
evaluation circuit board so that conventional audio measurements can be conveniently made without additional
equipment. This is a balanced input, grounded differential output low pass filter with a 3dB frequency of
approximately 35kHz and an on board termination resistor of 300
Ω (see schematic). Note that the capacitive load
elements are returned to ground. This is not optimal for common mode rejection purposes, but due to the
independent pulse format at each output there is a significant amount of high frequency common mode
component on the outputs. The grounded capacitive filter elements attenuate this component at the board to
reduce the high frequency CMRR requirement placed on the analysis instruments.
Even with the grounded filter the audio signal is still differential, necessitating a differential input on any analysis
instrument connected to it. Most lab instruments that feature BNC connectors on their inputs are NOT differential
responding because the ring of the BNC is usually grounded.
The commonly used Audio Precision analyzer is differential, but its ability to accurately reject high frequency
signals is questionable necessitating the on board measurement filter. When in doubt or when the signal needs
to be single-ended, use an audio signal transformer to convert the differential output to a single ended output.
Depending on the audio transformer's characteristics, there may be some attenuation of the audio signal which
needs to be taken into account for correct measurement of performance.
Measurements made at the output of the measurement filter suffer attenuation relative to the primary, unfiltered
outputs even at audio frequencies. This is due to the resistance of the inductors interacting with the termination
resistor (300
Ω) and is typically about -0.25dB (3%). In other words, the voltage levels (and corresponding power
levels) indicated through the measurement filter are slightly lower than those that actually occur at the load
placed on the unfiltered outputs. This small loss in the filter for measurement gives a lower output power reading
than what is really occurring on the unfiltered outputs and its load.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com