Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4991MA/NOPB.A Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4991MA/NOPB.A
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991MA/NOPB.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4991MA/NOPB.A Datasheet HTML 17Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 18Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 19Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 20Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 21Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LM4991MA/NOPB.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.35
0.25
2X
2.4
0.8 MAX
(0.25)
(0.25)
(0.2)
(0.15)
0.05
0.00
8X
0.6
0.4
3 0.05
2.2 0.05
6X 0.8
A
4.1
3.9
B
4.1
3.9
(0.2) TYP
WSON - 0.8 mm max height
NGN0008A
PLASTIC SMALL OUTLINE - NO LEAD
4214794/A 11/2019
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
SYMM
SYMM
9
DETAIL A
SEE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
PIN 1 ID
DETAIL A
PIN 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com