Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5010AMHE/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5010AMHE/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMHE/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5010AMHE/NOPB Datasheet HTML 16Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 17Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 18Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 19Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 20Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 21Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 22Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 23Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
200
400
600
800
1000
LOAD CURRENT (mA)
80
60
40
20
0
100
VIN = 6V
12V
60V
0
6
20
40
60
VIN (V)
250
200
150
100
50
Load Curent = 500 mA
20
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 16. Efficiency vs Load Current and VIN
Figure 17. Frequency vs VIN
8.3 Do's and Don'ts
A minimum load current of 500 µA is required to maintain proper operation. If the load current falls below that
level, the bootstrap capacitor can discharge during the long OFF-time and the circuit either shuts down or cycles
ON and OFF at a low frequency. If the load current is expected to drop below 500 µA in the application, choose
the feedback resistors to be low enough in value to provide the minimum required current at nominal VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com