Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JK06DF10SY3 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DF10SY3
Description  VG95234 Qualified Circular Waterproof Connector, Conduit Compatible Plug, Short Endbell Type, Socket Contact, 10 pos., Insert Rotation Position: Y
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DF10SY3 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JK06DF10SY3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SY3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SY3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Wire (Cross-
sectional Area of Conductor)
1.5 mm² to 2.5 mm²
Insert Rotation Position
Y position
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Silver plating
Outer Shell Color
Black system interference color
Total Current Rating
63.1 A max.
Contact Resistance
2.5 milliohm max.
Dielectric Withstanding
Voltage (1 minute)
A.C. 2550 Vr.m.s
Insulation Resistance
5000 megohm min.
Mating Durability
Mating cycles: 500 times
Operating Temperature Range
-40 deg. C to +100 deg. C
Applicable Accessory
J225-50124
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
JK06KF10PY1
JK06KF10PY2-F0
Remarks
Short Endbell Type
Notice
Related information
Product Videos



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com