| Electronic Components Datasheet Search |
|
LM5010ASDX/NOPB.B Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5010ASDX/NOPB.B Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM5010AMH/NOPB Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMH/NOPB.A Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMH/NOPB.B Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHE/NOPB Active Production HTSSOP (PWP) | 14 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHE/NOPB.A Active Production HTSSOP (PWP) | 14 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHE/NOPB.B Active Production HTSSOP (PWP) | 14 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHX/NOPB Active Production HTSSOP (PWP) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHX/NOPB.A Active Production HTSSOP (PWP) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AMHX/NOPB.B Active Production HTSSOP (PWP) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010 AMH LM5010AQ0MH/NOPB Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ0MH/NOPB.A Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ0MH/NOPB.B Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ0MHX/NOPB Active Production HTSSOP (PWP) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ0MHX/NOPB.A Active Production HTSSOP (PWP) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ0MHX/NOPB.B Active Production HTSSOP (PWP) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 150 L5010A Q0MH LM5010AQ1MH/NOPB Active Production HTSSOP (PWP) | 14 94 | TUBE Yes SN Level-1-260C-UNLIM -40 to 125 L5010A Q1MH Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |