Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5035B Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5035B
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5035B Datasheet HTML 10Page - Texas Instruments LM5035B Datasheet HTML 11Page - Texas Instruments LM5035B Datasheet HTML 12Page - Texas Instruments LM5035B Datasheet HTML 13Page - Texas Instruments LM5035B Datasheet HTML 14Page - Texas Instruments LM5035B Datasheet HTML 15Page - Texas Instruments LM5035B Datasheet HTML 16Page - Texas Instruments LM5035B Datasheet HTML 17Page - Texas Instruments LM5035B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
PWM
COMPARATOR
5V
COMP
REF
LM5035B
+
_
5k
1V
SOFT-START
FEED-FORWARD RAMP
Voltage
feedback
LM4041
Potential across
Optocoupler detector
is constant (approx. 4.3V)
1 : 1
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+110 PA
+1 PA
t2
t3
#1V
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
Figure 15. Current Limit Restart Timing
Figure 16. Optocoupler to COMP Interface
Soft-Start
The soft-start circuit allows the regulator to gradually reach a steady state operating point, thereby reducing start-
up stresses and current surges. When bias is supplied to the LM5035B, the SS pin capacitor is discharged by an
internal MOSFET. When the UVLO, VCC and REF pins reach their operating thresholds, the SS capacitor is
released and charged with a 110 µA current source. The PWM comparator control voltage is clamped to the SS
pin voltage by an internal amplifier. When the PWM comparator input reaches 1V, output pulses commence with
slowly increasing duty cycle. The voltage at the SS pin eventually increases to 5V, while the voltage at the PWM
comparator increases to the value required for regulation as determined by the voltage feedback loop.
One method to shutdown the regulator is to ground the SS pin. This forces the internal PWM control signal to
ground, reducing the output duty cycle quickly to zero. Releasing the SS pin begins a soft-start cycle and normal
operation resumes. A second shutdown method is discussed in the ULVO section.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com