Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5134AMF/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5134AMF/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134AMF/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5134AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 17Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 18Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 19Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 20Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 21Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 22Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
LM5134
www.ti.com
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10.3 Power Dissipation
It is important to keep the power consumption of the driver below the maximum power dissipation limit of the
package at the operating temperature. The total power dissipation of the LM5134 is the sum of the gate charge
losses and the losses in the driver due to the internal CMOS stages used to buffer the output as well as the
power losses associated with the quiescent current.
The gate charge losses include the power MOSFET gate charge losses as well as the PILOT FET gate charge
losses and can be calculated as follows:
Pg = (Qgo + Qgp) × VDD × FSW
(2)
Or
Pg = (Co + Cp) × VDD
2 × F
SW
where
•
Fsw is switching frequency
•
Qgo is the total input gate charge of the power MOSFET
•
Qgp is the total input gate charge of the PILOT MOSFET
(3)
Co and Cp are the load capacitance at OUT and PILOT outputs respectively. It should be noted that due to the
use of an external turnoff switch, part of the gate charge losses are dissipated in the external turnoff switch.
Therefore, the actual gate charge losses dissipated in the LM5134 is less than predicted by the above
expressions. However, they are a good conservative design estimate.
The power dissipation associated with the internal circuit operation of the driver can be estimated with the
characterization curves of the LM5134. For a given ambient temperature, the maximum allowable power losses
of the IC can be defined using Equation 4.
P = (TJ – TA) / θJA
where
•
P is the total power dissipation of the driver
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com