Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5134ASD/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5134ASD/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134ASD/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5134ASD/NOPB Datasheet HTML 1Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 2Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 3Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 4Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 5Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 6Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 7Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 8Page - Texas Instruments LM5134ASD/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
VDD
OUT
PILOT
VSS
IN
INB
5
6
4
1
2
3
3
LM5134
www.ti.com
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package, NGG Package
6-Pin SOT-23, 6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
VDD
1
—
Gate drive supply
Locally decouple to VSS using low ESR/ESL capacitor located as
close as possible to the IC.
PILOT
2
O
Gate drive output for an external
turnoff FET
Connect to the gate of a small turnoff MOSFET with a short, low
inductance path. The turnoff FET provides a local turnoff path.
OUT
3
O
Gate drive output for the power
FET
Connect to the gate of the power FET with a short, low inductance
path. A gate resistor can be used to eliminate potential gate
oscillations.
VSS
4
—
Ground
All signals are referenced to this ground.
INB
5
I
Inverting logic input
Connect to VSS when not used.
IN
6
I
Non-inverting logic input
Connect to VDD when not used.
EP
EP
—
Exposed Pad
It is recommended that the exposed pad on the bottom of the
package be soldered to ground plane on the PC board, and that
ground plane extend out from beneath the IC to help dissipate
heat.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Pin voltage
VDD to VSS
−0.3
14
V
IN, INB to VSS
−0.3
14
Junction temperature, TJ
150
°C
Storage temperature, Tstg
−55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com