Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5134ASDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5134ASDX/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134ASDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5134ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5134
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
1
1 Features
1
•
7.6-A and 4.5-A Peak Sink and Source Drive
Current for Main Output
•
820-mA and 660-mA Peak Sink and Source
Current for PILOT Output
•
4-V to 12.6-V Single-Power Supply
•
Matching Delay Time Between Inverting and Non-
Inverting Inputs
•
TTL/CMOS Logic Inputs
•
Up to 14-V Logic Inputs (Regardless of VDD
Voltage)
•
–40°C to 125°C Junction Temperature Range
2 Applications
•
Motor Drivers
•
Solid-State Power Controllers
•
Power Factor Correction Converters
3 Description
The LM5134 is a high-speed single low-side driver
capable of sinking and sourcing 7.6-A and 4.5-A peak
currents. The LM5134 has inverting and noninverting
inputs
that
give
the
user
greater
flexibility
in
controlling the FET. The LM5134 features one main
output, OUT, and an extra gate drive output, PILOT.
The PILOT pin logic is complementary to the OUT
pin, and can be used to drive a small MOSFET
located
close
to
the
main
power
FET.
This
configuration minimizes the turnoff loop and reduces
the consequent parasitic inductance. It is particularly
useful for driving high-speed FETs or multiple FETs
in parallel. The LM5134 is available in the 6-pin
SOT-23 package and the 6-pin WSON package with
an exposed pad to aid thermal dissipation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5134
SOT-23 (6)
2.90 mm × 1.60 mm
WSON (6)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Noninverting Input
Inverting Input


Similar Part No. - LM5134ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5134ASDX/NOPB TI1-LM5134ASDX/NOPB Datasheet
1Mb / 27P
Single 7.6-A Peak Current Low-Side Gate Driver
More results

Similar Description - LM5134ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5114 TI1-LM5114 Datasheet
1Mb / 15P
Single 7.6A Peak Current Low-Side Gate Driver
LM5134 TI1-LM5134 Datasheet
341Kb / 15P
Single 7.6A Peak Current Low-Side Gate Driver with a PILOT Output
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5134 TI-LM5134_15 Datasheet
1Mb / 19P
Single 7.6A Peak Current Low-Side Gate Driver with a PILOT Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
Single 7.6-A Peak Current Low-Side Gate Driver
LM5134 TI1-LM5134_16 Datasheet
1Mb / 27P
Single 7.6-A Peak Current Low-Side Gate Driver
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com