Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6152ACMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM6152ACMX/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152ACMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM6152ACMX/NOPB Datasheet HTML 9Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 10Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 11Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 12Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 13Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 14Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 15Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 16Page - Texas Instruments LM6152ACMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
100k
1M
FREQUENCY (Hz)
-100
-90
-70
-60
-50
-40
-20
-10
0
-30
-80
HD2
HD3
THD
VS = ±5V
AV = -1
VIN = 5 VPP
RL = 10 k:
LM6152, LM6154
www.ti.com
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
Typical Performance Characteristics (continued)
Figure 25. Distortion vs. Frequency
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com