Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AVS12
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 500W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS12 Datasheet(HTML) 3 Page - STMicroelectronics

  AVS12 Datasheet HTML 1Page - STMicroelectronics AVS12 Datasheet HTML 2Page - STMicroelectronics AVS12 Datasheet HTML 3Page - STMicroelectronics AVS12 Datasheet HTML 4Page - STMicroelectronics AVS12 Datasheet HTML 5Page - STMicroelectronics AVS12 Datasheet HTML 6Page - STMicroelectronics AVS12 Datasheet HTML 7Page - STMicroelectronics AVS12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
* For either polarity of electrode A2 voltage with reference to electrode A1.
DC GENERAL ELECTRICAL CHARACTERISTICS
TRIAC AVS12CB
Symb ol
Parameter
Value
Unit
Min.
Max.
VGD
VD =VDRM RL = 3.3kΩ Pulse duration> 20µs
Tj = 110
°C
0.2
V
VTM *ITM = 17A
tp = 10ms
Tj = 25
°C
1.75
V
IDRM *VDRM rated
Gate open
Tj = 25
°C10
µA
Tj = 110
°C
500
Symb ol
Parameter
Value
Unit
Rth (j-a)
Junction-to-ambient
60
°C/W
Rth (j-c) DC Junction-to-case for DC
3
°C/W
Rth (j-c) AC
Junction-to-case for 360
° conduction angle ( f= 50Hz)
2.3
°C/W
THERMAL RESISTANCES
TRIAC AVS12CB
AVS12
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com