Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-0402D1002ABWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P-0402D1002ABWS
Description  Commercial Thin Film Resistor, Surface Mount Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P-0402D1002ABWS Datasheet(HTML) 2 Page - Vishay Siliconix

  P-0402D1002ABWS Datasheet HTML 1Page - Vishay Siliconix P-0402D1002ABWS Datasheet HTML 2Page - Vishay Siliconix P-0402D1002ABWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P-NS
www.vishay.com
Vishay Dale Thin Film
Revision: 02-May-16
2
Document Number: 60023
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering).
DIMENSIONS in inches
CASE SIZE
TERM
L
W
T
D
E
0402
B
0.042 ± 0.008
0.022 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.010 ± 0.005
0502
B
0.055 ± 0.006
0.025 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
0505
B
0.055 ± 0.006
0.050 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
0603
B
0.064 ± 0.006
0.032 ± 0.005
0.020 max.
0.012 ± 0.005
0.015 ± 0.005
0705, 0805 (1)
B
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.016 ± 0.008
0.015 ± 0.005
1005
B
0.105 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1010
B
0.105 ± 0.007
0.100 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1206
B
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005/- 0.010
0.020 + 0.005/- 0.010
1505
B
0.155 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
2010
B
0.209 ± 0.009
0.098 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2208
B
0.230 ± 0.007
0.075 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2512
B
0.259 ± 0.009
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
D
W
L
T
E
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
10 k
 R
± (%)
100 k
 R
± (%)
Thermal Shock
0.02
0.02
Short Time Overload
0.01
0.01
Low Temperature Operation
0.01
0.01
Resistance to Solder Heat
0.04
0.03
Moisture Resistance
0.02
0.01
High Temperature Exposure
0.03
0.06
Load Life (10 000 h, + 70 °C)
0.05
0.05
TCR
± 25 ppm/°C
± 25 ppm/°C
DERATING CURVE
Ambient Temperature °C
070
125
155
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: P-1206E1002BBTS
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
P-
0402
0502
0505
0603
0805
1005
1010
1206
1505
2208
2010
2512
Y = ± 10 ppm/°C (2)
D = ± 15 ppm/°C
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C
Note
(2)
 49.9 
The first 3 digits
are significant figures
and the
last digit specifies the
number of
zeros to follow.
“R” designates the
decimal point.
Example:
10R0 = 10

1001 = 1 k

1002 = 10 k
Q = ± 0.02 % (3)
A = ± 0.05 % (3)
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
Note
(3) For values
 250 
B = Wraparound
Sn/Pb solder
63 % Sn/37 % Pb
w/ nickel barrier
G = Wraparound Au
over Ni (gold)
termination
epoxy bondable
RoHS-compliant - e4
S = Wraparound
electroplated 100 %
pure matte tin
RoHS-compliant e3
BULK
BS = 100 min., 1 mult
WAFFLE
WS = 100 min., 1 mult
W0 = 100 min.,100 mult
WI = 100 min.,1 mult (4)
WP = 100 min.,1 mult (5)
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (6)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
TI = 100 min., 1 mult (4)
TP = 100 min., 1 mult (5)
Notes
(4) Item single lot date code
(5) Package unit single lot date code
(6) Preferred packaging code
Historical Part Number Example: P0805H6801BBT (for reference purposes only)
P
0805
H
6801
B
B
T
STYLE
CASE SIZE
TCR CHARACTERISTIC
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
06
E
1
0
2
B
0
2
1
BT
S
P-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com