Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JK06DM48SW3-F0 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DM48SW3-F0
Description  VG95234 Qualified Circular Waterproof Connector, 48 pos., Socket Contact (Sold separately), Conduit Compatible Plug, Insert Rotation Position: W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DM48SW3-F0 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JK06DM48SW3-F0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW3-F0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW3-F0 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Wire (Cross-
sectional Area of Conductor)
1.25 mm² to 2.0 mm²
Insert Rotation Position
Insert Rotation Position: W
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Silver plating
Outer Shell Color
Black system interference color
Total Current Rating
124.8 A max.
Contact Resistance
2.5 mΩ max.
Dielectric Withstanding
Voltage (1 minute)
A.C. 2550 Vr.m.s. (per minute)
Insulation Resistance
5000 MΩ min.
Mating Durability
Mating cycles: 500 times
Operating Temperature Range
- 40 deg. C to + 100 deg. C
Applicable Accessory
J225 - 50124
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
Short Endbell Type
Notice
Related information
Product Videos
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com