Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH1981 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH1981
Description  LMH1981 Multi-Format Video Sync Separator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH1981 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH1981 Datasheet HTML 8Page - Texas Instruments LMH1981 Datasheet HTML 9Page - Texas Instruments LMH1981 Datasheet HTML 10Page - Texas Instruments LMH1981 Datasheet HTML 11Page - Texas Instruments LMH1981 Datasheet HTML 12Page - Texas Instruments LMH1981 Datasheet HTML 13Page - Texas Instruments LMH1981 Datasheet HTML 14Page - Texas Instruments LMH1981 Datasheet HTML 15Page - Texas Instruments LMH1981 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LMH1981
SNLS214H – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Input Termination
The video source should be load terminated with a 75
Ω resistor to ensure correct video signal amplitude and
minimize signal distortion due to reflections. In extreme cases, the LMH1981 can handle unterminated or double-
terminated input conditions, assuming 1 VPP signal amplitude for normal terminated video.
Input Coupling Capacitor
The input signal should be AC coupled to the VIN (pin 4) of the LMH1981 with a properly chosen coupling
capacitor, CIN.
The primary consideration in choosing CIN is whether the LMH1981 will interface with video sources using an
AC-coupled output stage. If AC-coupled video sources are expected in the end-application, then it’s
recommended to choose a small CIN value such as 0.01 µF as prescribed in the next section. Other
considerations such as HSync jitter performance and start-up time are practically fixed by the limited range of
small CIN values. It’s important to note that video sources with AC-coupled outputs will introduce video-
dependent jitter that cannot be remedied by the sync separator; moreover, this type of jitter is not prevalent in
sources with DC-coupled input/output stages.
When only DC-coupled video sources are expected, a larger CIN value can be chosen to minimize voltage droop
and thus improve HSync jitter at the expense of increased start-up time as explained in START-UP TIME. A
typical CIN value such as 1 µF will give excellent jitter performance and reasonable start-up time using a
broadcast-quality DC-coupled video generator. For applications where low HSync jitter is not critical, CIN can be
a small value to reduce start-up time.
START-UP TIME
When there is a significant change to the video input signal, such as sudden signal switching, signal attenuation
(i.e.: additional termination via loop through) or signal gain (i.e.: disconnected end-of-line termination), the
quiescent operation of the LMH1981 will be disrupted. During this dynamic input condition, the LMH1981 outputs
may not be correct but will recover to valid signals after a predictable start-up time, which consists of an
adjustable input settling time and a predetermined “sync lock time”.
Input Settling Time and Coupling Capacitor Selection
Following a significant input condition, the negative sync tip of the AC-coupled signal settles to the input clamp
voltage as the coupling capacitor, CIN, recovers a quiescent DC voltage via the dynamic clamp current. Because
CIN determines the input settling time, its capacitance value is critical when minimizing overall start-up time.
For example, a settling time of 8 ms can be expected for a typical CIN value of 1 µF when switching in a standard
NTSC signal with no prior input. A smaller value yields shorter settling time at the expense of increased line
droop voltage and consequently higher HSync jitter, whereas a larger one gives lower jitter but longer settling
time. Settling time is proportional to the value of CIN, so doubling CIN will also double the settling time.
The value of CIN is a tradeoff between start-up time and jitter performance and therefore should be evaluated
based on the application requirements. Figure 11 shows a graph of typical input-referred HSync jitter vs. CIN
values to use as a guideline. Refer to Horizontal Sync Output for more about jitter performance.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com