Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH1981MT/NOPB.A Datasheet(PDF) 17 Page - Texas Instruments

Part # LMH1981MT/NOPB.A
Description  LMH1981 Multi-Format Video Sync Separator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH1981MT/NOPB.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH1981MT/NOPB.A Datasheet HTML 13Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 14Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 15Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 16Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 19Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 20Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LOGIC
CIRCUIT
LMH1981
VFOUT
HSOUT
VSOUT
75:
RS
CIN
CF
10 k:
VIN
VIDEO IN
ED/HD =
³0´
NTSC/PAL =
³1´
VIN
CSOUT
HSOUT
(CLOCK)
VSOUT
LINE#
VFOUT
(DATA)
567
568
569
571
570
572
574
573
576
575
577
578
566
1
0
0
0
1
1
0
1
1
1
0
01000101111b = 559 HORIZONTAL LINES PER FIELD
START
11H
11-BIT BINARY DATA STREAM
END
3
rd HSync after VSync leading edge
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
Figure 17. Video Format Output for Interlaced Format, 1080I Field 2
OPTIONAL CONSIDERATIONS
Optional Input Filtering
An external filter may be necessary if the video signal has considerable high-frequency noise or has large
chroma amplitude that extends near the sync tip. A simple RC low-pass filter with a series resistor (RS) and a
capacitor (CF) to ground can be used to improve the overall signal-to-noise ratio and sufficiently attenuate
chroma such that minimum peak of its amplitude is above the 50% sync slice level. To achieve the desired filter
cutoff frequency, it’s advised to vary CF and keep RS small (ie. 100Ω) to minimize sync tip clipping due to the
voltage drop across RS. Note that using an external filter will increase the propagation delay from the input to the
outputs.
In applications where the chroma filter needs to be disabled when non-composite video (ie: ED/HD video) is
input, it is possible to use a transistor to switch open CF’s connection to ground as shown in Figure 18. This
transistor can be switched off/on by logic circuitry to decode the lines-per-field data output (VFOUT). As shown in
Table 4, NTSC and PAL both have 1 (logic high) for the 3rd bit of VFOUT. If the logic circuitry detects 0 (logic
low) for this bit, indicating non-composite video, the transistor can be turned off to disable the chroma filter.
Figure 18. External Chroma Filter with Control Circuit
AC-Coupled Video Sources
An AC coupled video source typically has a 100 µF or larger output coupling capacitor (COUT) for protection and
to remove the DC bias of the amplifier output from the video signal. When the video source is load terminated,
the average value of the video signal will shift dynamically as the video duty cycle varies due to the averaging
effect of the COUT and termination resistors. The average picture level or APL of the video content is closely
related to the duty cycle.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com