Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L080 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC12L080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12L080 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 25Page - Texas Instruments ADC12L080 Datasheet HTML 26Page - Texas Instruments ADC12L080 Datasheet HTML 27Page - Texas Instruments ADC12L080 Datasheet HTML 28Page - Texas Instruments ADC12L080 Datasheet HTML 29Page - Texas Instruments ADC12L080 Datasheet HTML 30Page - Texas Instruments ADC12L080 Datasheet HTML 31Page - Texas Instruments ADC12L080 Datasheet HTML 32Page - Texas Instruments ADC12L080 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(1.17)
TYP
(5.3)
54X (0.6)
54X (0.25)
12X (1.51)
(9.8)
(0.855) TYP
12X (0.97)
50X (0.5)
4214993/A 07/2013
WQFN
NJY0054A
WQFN
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
TYP
METAL
SOLDERPASTE EXAMPLE
BASED ON 0.125mm THICK STENCIL
EXPOSED PAD
67% PRINTED SOLDER COVERAGE BY AREA
SCALE:10X
1
18
19
27
28
45
46
54
SYMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com