Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08D500 Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC08D500
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08D500 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC08D500 Datasheet HTML 15Page - Texas Instruments ADC08D500 Datasheet HTML 16Page - Texas Instruments ADC08D500 Datasheet HTML 17Page - Texas Instruments ADC08D500 Datasheet HTML 18Page - Texas Instruments ADC08D500 Datasheet HTML 19Page - Texas Instruments ADC08D500 Datasheet HTML 20Page - Texas Instruments ADC08D500 Datasheet HTML 21Page - Texas Instruments ADC08D500 Datasheet HTML 22Page - Texas Instruments ADC08D500 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
1
10
100
1000
-20
-10
0
10
20
30
40
50
FREQUENCY (MHz)
SVA-30206584
100
¼ LMH6523
VCC
0.01 F
0.01 F
0.01 F
0.01 F
40.2
40.2
1 H
1 H
100
¼ LMH6523
VCC
0.01 F
0.01 F
1 H
1 H
VIN
VOUT
SVA-30206583
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
CASCADE OPERATION
Figure 49. Schematic for Cascaded Amplifiers
With four amplifiers in one package the LMH6523 is ideally configured for cascaded operation. By using two
amplifiers in series additional gain range can be achieved. The schematic in Figure 49 shows one way to
connect two stages of the LMH6523. The resultant frequency response is shown below in Figure 50. When using
the LMH6523 amplifiers in a cascade configuration it is important to keep the signal level within reasonable limits
at all nodes of the signal path. With over 40dB of total gain it is possible to amplify signals to clipping levels if the
gain is not set correctly.
Figure 50. Frequency Response of Cascaded Amplifiers
DIGITAL CONTROL
The LMH6523 will support two modes of control, parallel mode and serial mode (SPI compatible). Parallel mode
is fastest and requires the most board space for logic line routing. Serial mode is compatible with existing SPI
compatible systems.
The LMH6523 has gain settings covering a range of 31 dB. To avoid undesirable signal transients the LMH6523
should not be powered on with large inputs signals present. Careful planning of system power on sequencing is
especially important to avoid damage to ADC inputs.
The LMH6523 was designed to interface with 2.5V to 5V CMOS logic circuits. If operation with 5V logic is
required care should be taken to avoid signal transients exceeding the DVGA supply voltage. Long, unterminated
digital signal traces are particularly susceptible to these transients. Signal voltages on the logic pins that exceed
the device power supply voltage may trigger ESD protection circuits and cause unreliable operation.
Some pins on the LMH6523 have different functions depending on the digital control mode. These functions will
be described in the sections to follow.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com