Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2048397 Datasheet(PDF) 3 Page - SICK AG

Part # 2048397
Description  MID RANGE DISTANCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2048397 Datasheet(HTML) 3 Page - SICK AG

  2048397 Datasheet HTML 1Page - SICK AG 2048397 Datasheet HTML 2Page - SICK AG 2048397 Datasheet HTML 3Page - SICK AG 2048397 Datasheet HTML 4Page - SICK AG 2048397 Datasheet HTML 5Page - SICK AG 2048397 Datasheet HTML 6Page - SICK AG 2048397 Datasheet HTML 7Page - SICK AG 2048397 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DL35-B15552 | Dx35
MID RANGE DISTANCE SENSORS
Performance
Measurement range min ... max:
200 mm ... 35,000 mm, on “diamond grade” reflective tape 1)
Target
Reflector
Resolution
0.1 mm
Repeatability
≥ 0.5 mm 1) 2)
Accuracy
Typ. ± 15 mm 3)
Response time
2.5 ms ... 96.5 ms, 2.5 ms / 6.5 ms / 12.5 ms / 24.5 ms / 96.5 ms 4) 5)
Switching frequency
333 Hz / 100 Hz / 50 Hz / 25 Hz / 6 Hz 4) 5)
Output time
1 ms ... 32 ms, 1 ms/2 ms/4 ms/8 ms/32 ms 4) 6)
Light source
Laser, red 7)
visible red light
Laser class
1 (IEC 60825-1:2014, EN 60825-1:2014)
Typ. light spot size (distance)
15 mm x 15 mm (at 2 m)
Additional function
Set speed: Super Fast ... Super Slow, teach-in of analog output and invertible analog output,
Output Q2 adaptable: Current output / Voltage output / Digital output, Switching mode: Dis-
tance to reflective tape (DtR) / switching window (Wnd) / object between sensor and back-
ground (ObSB), teach-in of digital output and digital output invertible, Multifunctional input:
laser off / external teach / deactivated, reset to factory default
Average laser service life (at 25 °C)
100,000 h
1) See repeatability characteristic lines.
2) Equivalent to 1 σ.
3) On “diamond grade” reflective tape.
4) Depending on the set speed: Super Fast ... Super Slow.
5) Lateral entry of the object into the measuring range.
6) Continuous change of distance in measuring range.
7) Wavelength: 658 nm; max. output: 120 mW; pulse duration: 3 ns; duty cycle: 1/250.
Interfaces
IO-Link
✔, IO-Link V1.1
Function Process data, parameterization, diagnosis
Data transmission rate 38.4 kbit/s
Digital output
Number 1 ... 2 1) 2)
Type Push-pull: PNP/NPN
Function Output Q2 adaptable: Current output / Voltage output / Digital output / Q1 not / deactivated
Maximum output current IA ≤ 100 mA
Analog output
Number 1
Type Current output / voltage output
Function Output Q2 adaptable: Current output / Voltage output / Digital output
Current 4 mA ... 20 mA, ≤ 450 Ω
Voltage 0 V ... 10 V, ≥ 50,000 Ω
1) Output Q short-circuit protected.
2) Voltage drop < 3 V.
3) Response time ≤ 60 ms.
4) Configurable via IO-Link.
2024-03-04 11:16:16 | Product data sheet
Subject to change without notice
LASER DISTANCE SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com