Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS10CB Datasheet(PDF) 6 Page - STMicroelectronics

Part # AVS10CB
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS10CB Datasheet(HTML) 6 Page - STMicroelectronics

  AVS10CB Datasheet HTML 1Page - STMicroelectronics AVS10CB Datasheet HTML 2Page - STMicroelectronics AVS10CB Datasheet HTML 3Page - STMicroelectronics AVS10CB Datasheet HTML 4Page - STMicroelectronics AVS10CB Datasheet HTML 5Page - STMicroelectronics AVS10CB Datasheet HTML 6Page - STMicroelectronics AVS10CB Datasheet HTML 7Page - STMicroelectronics AVS10CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
14
B
e
D
b
Z
e3
B1
E
5
Z
e4
b1
PM-DIP8.EPS
PACKAGE MECHANICAL DATA
CONTROLLER
8 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
AVS20 - AVS200
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com