Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412R8I3PTR Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32L412R8I3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412R8I3PTR Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L412R8I3PTR Datasheet HTML 80Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 81Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 82Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 83Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 84Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 85Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 86Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 87Page - STMicroelectronics STM32L412R8I3PTR Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 192 page
background image
Table 25. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.05
2.10
2.10
2.20
2.35
2.20
2.25
2.30
2.40
2.60
mA
16 MHz
1.30
1.35
1.40
1.45
1.60
1.40
1.45
1.50
1.60
1.80
8 MHz
0.715 0.730 0.780
0.855
1.00
0.76
0.78
0.84
0.96
1.25
4 MHz
0.415 0.430 0.475
0.555
0.710
0.45
0.50
0.55
0.70
0.90
2 MHz
0.265
0.28
0.325
0.400
0.555
0.30
0.30
0.40
0.50
0.80
1 MHz
0.190 0.205 0.250
0.325
0.480
0.20
0.25
0.30
0.44
0.70
100 kHz 0.120 0.135 0.180
0.255
0.410
0.15
0.20
0.25
0.40
0.60
Range 1
80 MHz
7.30
7.35
7.40
7.55
7.70
7.75
7.80
7.80
7.90
8.10
72 MHz
6.60
6.65
6.70
6.80
7.00
7.00
7.00
7.10
7.20
7.40
64 MHz
5.90
5.90
6.00
6.10
6.30
6.25
6.30
6.35
6.40
6.65
48 MHz
4.40
4.40
4.50
4.60
4.80
4.70
4.75
4.80
4.90
5.10
32 MHz
3.00
3.00
3.05
3.15
3.35
3.20
3.25
3.30
3.40
3.60
24 MHz
2.30
2.30
2.35
2.45
2.65
2.40
2.40
2.50
2.60
2.90
16 MHz
1.55
1.60
1.65
1.75
1.90
1.70
1.75
1.80
1.90
2.20
IDD_ALL
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
190
205
255
335
505
235
230
315
455
725
µA
1 MHz
110
120
165
250
415
135
145
230
370
645
400 kHz
55.0
65.5
115
195
360
75.0
90.5
180
325
590
100 kHz
26.0
40.0
87.5
170
335
45.0
65.5
160
290
550
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com