Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGR18650CF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CGR18650CF
Description  PSS seriesl
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CGR18650CF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CGR18650CF Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44g
CGR18650CF
(+)
(-)
(mm)
3.6V
2250mAh
Max. 18.6mm
Max. 18.6
Max. 65.2mm
September 2007
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
0
400
800
1200
1600
2000
2400
2800
2.5
3.0
3.5
4.0
4.5
5.0
0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
1.0It(2150mA)
0.2It(430mA)
2.0It(4300mA)
2.5
3.0
3.5
4.0
4.5
5.0
0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
20℃
-10℃
10℃
0℃
-20℃
45℃
60℃
0
400
800
1200
1600
2000
2400
2800
0
100
200
300
The data in this document are for descriptive purposes
only and are not intended to make or imply any
guarantee or warranty.
Cycle number(time)
【Test condition】
Charge : constant voltage/constant current, 4.2V, MAX.0.7It (1500mA) , 110mA cut-off
Discharge : constant current, 1.0It(2150mA), 3.0V cut-off
Charge / discharge rest time :20min.
Temperature : 20℃
■ Dimensions
■ Specifications
■ Typical discharge characteristics
■ Typical charge characteristics
■ Typical life characteristics
Approx. weight
Nominal voltage
Typical capacity *1
Diameter
Dimensions
Height
*1 Charge : constant voltage/constant current, 4.2V, max. 1500mA, 110mA cut-off
Discharge : constant current, 430mA, 3.0V cut-off
Temperature : 25℃
【Test condition】
Charge : constant voltage/constant current, 4.2V Max.0.7It(1500mA), 110mA cut-off
Temperature : 20℃
Time(h)
Voltage
Current
Capacity
Discharge capacity(mAh)
【Test condition】
Charge : constant voltage/constant current, 4.2V Max.0.7It(1500mA), 110mA cut-off
Discharge : constant current, 3.0V cut-off
Temperature : 20℃
【 Test condition】
Charge : constant voltage/constant current, 4.2V Max.0.7It(1500mA),
110mA cut-off、20℃
Discharge : constant current, 1.0It(2150mA), 3.0V cut-off
Discharge capacity(mAh)
Lithium ion batteries
※Battery cell is not sold by itself to secure safety.
※Dimensions of a fresh battery.
PSS series
2150mAh
Minimum capacity *1


Similar Part No. - CGR18650CF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CGR18650CG PANASONIC-CGR18650CG Datasheet
486Kb / 1P
LITHIUM ION BATTERIES: INDIVIDUAL DATA SHEET
DECEMBER 2008
More results

Similar Description - CGR18650CF

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SPD244801B CARLOGAVAZZI-SPD244801B Datasheet
783Kb / 4P
Switching Power Supply Type PSS 480W DIN rail mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com