Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249R- Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP249R-
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249R- Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP249R- Datasheet HTML 7Page - Power Integrations, Inc. TOP249R- Datasheet HTML 8Page - Power Integrations, Inc. TOP249R- Datasheet HTML 9Page - Power Integrations, Inc. TOP249R- Datasheet HTML 10Page - Power Integrations, Inc. TOP249R- Datasheet HTML 11Page - Power Integrations, Inc. TOP249R- Datasheet HTML 12Page - Power Integrations, Inc. TOP249R- Datasheet HTML 13Page - Power Integrations, Inc. TOP249R- Datasheet HTML 14Page - Power Integrations, Inc. TOP249R- Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TOP242-250
11
M
12/04
DC
MAX reduction, the vertical axis represents the magnitude of
the DC
MAX. Line feed-forward with DCMAX reduction lowers
maximum duty cycle from 78% at I
L(DC) (+60 µA typical) to
38% at I
OV (+225 µA).
EXTERNAL CURRENT LIMIT (X) Pin Operation
(Y, R and F Packages)
When current is drawn out of the EXTERNAL CURRENT
LIMIT pin, it works as a voltage source of approximately
1.3 V up to a maximum current of -240 µA (typical). At
-240 µA, it turns into a constant current source (refer to
Figure 12a).
There are two functions available through the use of the
EXTERNAL CURRENT LIMIT pin: external current limit
and remote ON/OFF. Connecting the EXTERNALCURRENT
LIMIT pin and SOURCE pin disables the two functions. In
high efficiency applications, this pin can be used to reduce the
current limit externally to a value close to the operating peak
current by connecting the pin to the SOURCE pin through
a resistor. The pin can also be used for remote ON/OFF.
Table 2 shows several possible combinations using this pin. See
Figure 11 for a description of the functions where the horizontal
axis (left hand side) represents the EXTERNAL CURRENT
LIMIT pin current. The meaning of the vertical axes varies
with function. For those that control the ON/OFF states of the
output such as remote ON/OFF, the vertical axis represents the
enable/disable states of the output. For external current limit,
the vertical axis represents the magnitude of the I
LIMIT. Please
see graphs in the Typical Performance Characteristics section
for the current limit programming range and the selection of
appropriate resistor value.
MULTI-FUNCTION (M) Pin Operation (P and G
Packages)
The LINE-SENSE and EXTERNAL CURRENT LIMIT pin
functions are combined to a single MULTI-FUNCTION pin
for P and G packages. The comparator with a 1 V threshold
at the LINE-SENSE pin is removed in this case as shown in
Figure 2b. All of the other functions are kept intact. However,
since some of the functions require opposite polarity of input
current(MULTI-FUNCTIONpin),theyaremutuallyexclusive.
Forexample,linesensingfeaturescannotbeusedsimultaneously
with external current limit setting. When current is fed into
the MULTI-FUNCTION pin, it works as a voltage source of
approximately 2.6 V up to a maximum current of +400 µA
(typical). At +400 µA, this pin turns into a constant current
sink. When current is drawn out of the MULTI-FUNCTION
pin, it works as a voltage source of approximately 1.3 V up to
a maximum current of -240 µA (typical). At -240 µA, it turns
into a constant current source. Refer to Figure 12b.
There are a total of five functions available through the use
of the MULTI-FUNCTION pin: OV, UV, line feed-forward
with DC
MAX reduction, external current limit and remote
ON/OFF. A short circuit between the MULTI-FUNCTION
pin and SOURCE pin disables all five functions and forces
TOPSwitch-GX
to operate in a simple three terminal mode
like TOPSwitch-II. The MULTI-FUNCTION pin is typically
used for line sensing by connecting a resistor from this pin to
the rectified DC high voltage bus to implement OV, UV and
DC
MAX reduction with line voltage. In this mode, the value
of the resistor determines the line OV/UV thresholds, and the
DC
MAX is reduced linearly with increasing rectified DC high
voltage starting from just above the UV threshold. External
current limit programming is implemented by connecting the
MULTI-FUNCTIONpintotheSOURCEpinthrougharesistor.
However, this function is not necessary in most applications
since the internal current limit of the P and G package devices
has been reduced, compared to the Y, R and F package
devices, to match the thermal dissipation capability of the P
and G packages. It is therefore recommended that the MULTI-
FUNCTION pin is used for line sensing as described above and
not for external current limit reduction. The same pin can also
Table 3. Typcial MULTI-FUNCTION Pin Configurations.
MULTI-FUNCTION PIN TABLE*
Figure Number
30
31
32
33
34
35
36
37
38
39
40
Three Terminal Operation
✓
Under-Voltage
✓
✓
✓
Overvoltage
✓
✓
✓
Line Feed-Forward (DC
MAX)
✓
✓
Overload Power Limiting
✓
External Current Limit
✓
✓
✓
✓
Remote ON/OFF
✓
✓
✓
✓
✓
*This table is only a partial list of many LINE-SENSE and EXTERNAL CURRENT LIMIT pin configurations that are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com