Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T315Y Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41T315Y
Description  Serial access phantom RTC supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41T315Y Datasheet HTML 22Page - STMicroelectronics M41T315Y Datasheet HTML 23Page - STMicroelectronics M41T315Y Datasheet HTML 24Page - STMicroelectronics M41T315Y Datasheet HTML 25Page - STMicroelectronics M41T315Y Datasheet HTML 26Page - STMicroelectronics M41T315Y Datasheet HTML 27Page - STMicroelectronics M41T315Y Datasheet HTML 28Page - STMicroelectronics M41T315Y Datasheet HTML 29Page - STMicroelectronics M41T315Y Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
M41T315Y, M41T315V, M41T315W
Part numbering
27/30
7
Part numbering
Table 16.
Ordering information scheme
Example:
M41T
315Y
–65
MH
6
E
Device type
M41T
Supply voltage and write protect voltage
315Y(1) = VCC = 4.5 to 5.5V; VPFD = 4.25 to 4.50V
1.
Contact local sales office
315V = VCC = 3.0 to 3.6V; VPFD = 2.80 to 2.97V
315W = VCC = 2.7 to 3.3V; VPFD = 2.60 to 2.70V
Speed
–65 = 65ns (315Y)
–85 = 85ns (315V/W)
Package
MH(2) = SOH28
2.
The SOIC package (SOH28) requires the SNAPHAT® battery package which is ordered separately under the part number
“M4Txx-BR12SHX” in plastic tube or “M4TXX-BR12SHXTR” in tape & reel form (see Table 17 on page 28).
MQ = SO16
Temperature range
6 = –40 to 85°C
Shipping method
For SOH28:
blank = Tubes (not for new design - use E)
E = Lead-free package (ECOPACK®), tubes
F = Lead-free package (ECOPACK®), tape & reel
TR = Tape & reel (not for new design - use F)
For SOH16:
blank = Tubes (not for new design - use E)
E = Lead-free package (ECOPACK®), tubes
F = Lead-free package (ECOPACK®), tape & reel
TR = Tape & reel (not for new design - use F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com