Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BAV19
Description  Small Signal Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV19 Datasheet(HTML) 3 Page - ON Semiconductor

  BAV19 Datasheet HTML 1Page - ON Semiconductor BAV19 Datasheet HTML 2Page - ON Semiconductor BAV19 Datasheet HTML 3Page - ON Semiconductor BAV19 Datasheet HTML 4Page - ON Semiconductor BAV19 Datasheet HTML 5Page - ON Semiconductor BAV19 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BAV19/20/21, Rev. C
Typical Characteristics
Small Signal Diode
(continued)
°
275
300
325
Ta=25 C
3
5
10
20
30
50
100
R everse C urrent, I
R [u A ]
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100uA
0
10
20
30
40
50
55
100
Ta= 25 C
R everse Voltag e, V
R [V ]
°
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
°
Figure 2. Reverse Current vs Reverse Voltage
IR - 55 to 205 V
20
30
40
50
60
70
80
90
100
180
200
220
240
255
Ta= 25 C
Reverse Voltage, V
R [V ]
250
300
350
400
450
1
2
3
5
10
20
30
50
100
Ta= 25 C
Forward Current, I
F [uA]
Figure 3. Reverse Current vs Reverse Roltage
IR - 180 to 225 V
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
Figure 4. Forward Voltage vs Forward Current
VF - 1.0 to 100uA
450
500
550
600
650
700
0.1
0.2
0.3
0.5
1
2
3
5
10
Ta= 25 C
Forward Current, I
F [m A]
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
10
20
30
50
100
200
300
500
800
Ta= 25 C
Forward Current, I
F [m A]
Figure 5. Forward Voltage vs Forward Current
VF - 0.1 to 10mA
Figure 6. Forward Voltage vs Forward Current
VF - 10 to 800mA
°
°
°
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com