Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF08M Datasheet(PDF) 5 Page - ON Semiconductor

Part # DF08M
Description  Bridge Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF08M Datasheet(HTML) 5 Page - ON Semiconductor

  DF08M Datasheet HTML 1Page - ON Semiconductor DF08M Datasheet HTML 2Page - ON Semiconductor DF08M Datasheet HTML 3Page - ON Semiconductor DF08M Datasheet HTML 4Page - ON Semiconductor DF08M Datasheet HTML 5Page - ON Semiconductor DF08M Datasheet HTML 6Page - ON Semiconductor DF08M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DF005M - DF10M Rev. 3.3
4
Physical Dimensions
Figure 5. 4-Lead, DIP, 6.5 MM WIDE
8.90
7.60
0.33
0.22
3.30
2.20
4.69
3.81
5.20
5.00
0.58
0.46
1 45°
X
OPTIONAL
8.51
8.05
6.50
6.20
1.09
1.14
0.89
8.00
7.24
NOTES:
A. THIS PACKAGE DOES NOT CONFORM TO
ANY REFERENCE STANDARD.
B. ALL DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
G. DRAWING FILE NAME: MKT-N04DREV1
TOP VIEW
END VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com