Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3954TLX/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LP3954TLX/NOPB
Description  Advanced Lighting Management Unit
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3954TLX/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3954TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP3954TLX/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
SW
BATTERY
VDD1
VDDA
LDO
Analog
supply
voltage
2.8V
LP3954
Digital
supply
voltage
LDO
2.8V
VDD2
CIN
10 PF
CVDD
100 nF
CVDDA
1 PF
4.7 PH
0
0.2
0.4
0.6
0.8
1
00
20
40
60
80
A0
C0
E0
FF
INPUT VOLTAGE × VDDA
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100 120
100
10
1
0.1
0.01
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Figure 33. ADC Code vs Input Voltage in
Figure 34. Example Curve for Thermistor
Temperature Measurement Mode
EXAMPLE TEMP SENSOR READING AT DIFFERENT TEMPERATURES (R(25°C)=1M
Ω)
T°C
R(M
Ω)
Rt(M
Ω)
V(ASE)
-40
1
60
2.7540984
0
1
4
2.24
25
1
1
1.4
60
1
0.2
0.4666667
100
1
0.04
0.1076923
7V Shielding
To shield LP3954 from high input voltages 6…7.2V the use of external 2.8V LDO is required. This 2.8V voltage
protects internally the device against high voltage condition. The recommended connection is as shown in the
picture below. Internally both logic and analog circuitry works at 2.8V supply voltage. Both supply voltage pins
should have separate filtering capacitors.
In cases where high voltage is not an issue the connection is as shown below.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com